Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP-2R5ME331M-FAR Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-2R5ME331M-FAR
Description  High Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5ME331M-FAR Datasheet(HTML) 2 Page - Nichicon corporation

  FP-2R5ME331M-FAR Datasheet HTML 1Page - Nichicon corporation FP-2R5ME331M-FAR Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
75
CAT.8100H
2670
3300
2610
2610
2000
2500
2500
3390
700
2000
1210
2070
2070
2200
2450
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
4×5.2
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
5×5.7
21
10
22
22
30
24
24
17
220
30
45
35
35
40
40
300
500
300
300
300
300
300
567
100
300
100
105
125
300
135
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
RFS0E181MCN1GS
RFA0E331MCN1GS
RFS0G101MCN1GS
RFS0G151MCN1GS
RFS0J470MCN1GS
RFS0J101MCN1GS
RFS0J121MCN1GS
RFA0J181MCN1GS
RFS1A100MCN1GB
RFS1A680MCN1GS
RFS1C220MCN1GS
RFS1C330MCN1GS
RFS1C390MCN1GS
RFS1E220MCN1GS
RFS1E270MCN1GS
FP-2R5ME181M-FSR
FP-2R5ME331M-FAR
FP-4R0ME101M-FSR
FP-4R0ME151M-FSR
FP-6R3ME470M-FSR
FP-6R3ME101M-FSR
FP-6R3ME121M-FSR
FP-6R3ME181M-FAR
FP-010ME100M-FSR
FP-010ME680M-FSR
FP-016ME220M-FSR
FP-016ME330M-FSR
FP-016ME390M-FSR
FP-025ME220M-FSR
FP-025ME270M-FSR
180
330
100
150
47
100
120
180
10
68
22
33
39
22
27
2.5
(0E)
2.8
4.6
7.2
11.5
18.4
28.7
4.0
(0G)
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
4.0V 150µF (RFS)
4.0V 150µF (RFS)
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
RFS / RFA
Taping specifications are given in page 28.
Recommended land size, soldering by reflow are given in page 25.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com