Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L43 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT94L43
Description  SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L43 Datasheet(HTML) 1 Page - Exar Corporation

  XRT94L43 Datasheet HTML 1Page - Exar Corporation XRT94L43 Datasheet HTML 2Page - Exar Corporation XRT94L43 Datasheet HTML 3Page - Exar Corporation XRT94L43 Datasheet HTML 4Page - Exar Corporation XRT94L43 Datasheet HTML 5Page - Exar Corporation XRT94L43 Datasheet HTML 6Page - Exar Corporation XRT94L43 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
xr
xr
xr
PRELIMINARY
XRT94L43
SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
SEPTEMBER 2001
REV. P1.0.0
GENERAL DESCRIPTION
The XRT94L43 is a highly integrated SONET/SDH
terminator designed for E3/DS3/STS-1 mapping/de-
mapping functions from either the STS-12 or STM-4
data stream. The XRT94L43 interfaces to either STS-
12 or STM-4 signals using a byte wide parallel inter-
face in Telecom Bus format or via serial line interface
that operates at 622.08 MHz.
The XRT94L43 processes the section,line and path
overhead in the SONET/SDH data stream. The pro-
cessing of path overhead bytes within the STS-1s or
TUG-3s includes 64 bytes for storing the J1 bytes.
Path overhead bytes can be accessed through the
microprocessor interface or via serial interface.
The XRT94L43 uses the internal E3/DS3 De-Syn-
chronizer circuit with an internal pointer leak algo-
rithm for clock smoothing as well as to remove the jit-
ter due to mapping and pointer movements. These
De-Synchronizer circuits do not need any external
clock reference for its operation.
The SONET/SDH transmit blocks allow flexible inser-
tion of TOH and POH bytes through both Hardware
and Software. Individual POH bytes for the transmit-
ted SONET/SDH signal are mapped either from the
XRT94L43 memory map or from external interface.
A1,A2 framing pattern, C1 byte and H1,H2 pointer
byte are generated.
The SONET/SDH receive blocks receive SONET
STS-3 signal or SDH STM-1 signal and perform the
necessary transport and path overhead processing.
The XRT94L43 provides a line side APS (Automatic
Protection Switching) interface by offering redundant
receive serial interface to be switched at the frame
boundary.
The XRT94L43 provides 12 mappers for performing
STS-1/VC-3 to STS-1/DS3/E3 mapping function, one
for each STS-1/DS3/E3 framers.
A PRBS test pattern generation and detection is im-
plemented to measure the bit-error performance.
A general purpose microprocessor interface is includ-
ed for control, configuration and monitoring.
FEATURES
• Provides DS3/ E3 mapping/de-mapping for up to 12
tributaries through SONET STS-1 or SDH AU-3
and/or TUG-3/AU-4 containers.
• Generates
and
terminates
SONET/SDH
sec-
tion,line and path layers.
• Integrated SERDES with Clock Recovery Circuit.
• Provides SONET frame scrambling and descram-
bling.
• Integrated Clock Synthesizer that generates 622.08
MHz and 77.76 MHz clock from an external 12.96/
19.44/77.76 MHz reference clock.
• Provides STS-1 (EC1) mapping/de-mapping for up
to 12 STS-1s.
• Integrated 12 E3/DS3/STS-1 De-Synchronizer cir-
cuit that de-jitter gapped clock to meet 0.05UIpp jit-
ter requirements.
• Access to Line or Section DCC
• Level 2 Performance Monitoring for E3 and DS3.
• Supports mixing of STS-1E and DS3 or E3 and
DS3 tributaries.
• Performs STS-3/STM-1 to STS-12/STM-4 Map-
ping/De-Mapping.
• E3 and DS3 framers for both Transmit and Receive
directions.
• Complete Transport/Section Overhead Processing
and generation per Telcordia and ITU standards.
• Complete Path Overhead processing and genera-
tion for one STS-12 or for 12 STS-1s
• Full line APS support for redundancy applications.
• Loopback support for both SONET/SDH as well as
E3/DS3/STS-1.
• Boundary scan capability with JTAG IEEE 1149.1
• 8-bit microprocessor interface
• Power Supply 2.5 V for Core and 3.3 V for I/O
• -40°C to +85°C Operating Temperature Range
• Available in a 516 Ball PBGA package
APPLICATIONS
• Network switches
• Add/Drop Multiplexer
• W-DCS Digital Cross Connect Systems


Similar Part No. - XRT94L43

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L43A EXAR-XRT94L43A Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
XRT94L43IB EXAR-XRT94L43IB Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
More results

Similar Description - XRT94L43

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
STS-12 ATM/DS3 SONET MAPPER
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com