Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8861 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8861
Description  40V 1.5A BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8861 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8861 Datasheet HTML 9Page - Diodes Incorporated AL8861 Datasheet HTML 10Page - Diodes Incorporated AL8861 Datasheet HTML 11Page - Diodes Incorporated AL8861 Datasheet HTML 12Page - Diodes Incorporated AL8861 Datasheet HTML 13Page - Diodes Incorporated AL8861 Datasheet HTML 14Page - Diodes Incorporated AL8861 Datasheet HTML 15Page - Diodes Incorporated AL8861 Datasheet HTML 16Page - Diodes Incorporated AL8861 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AL8861
Document number: DS39435 Rev. 3 - 2
13 of 18
www.diodes.com
October 2017
© Diodes Incorporated
AL8861
Application Information (Cont.)
-
Figure 2. Switching Characteristics (Normal Operation to LED Chain Shorted Out)
RS Short Protection
The AL8861 has a current limit at about 2.8A. If RS is shorted, current limit is triggered for accumulated 7 times and the switch will shut down and
latch up.
ILED
200mA/div
VSW
20V/div
VLED-
10V/div
VIN = 24V, TA = 25°C
L = 68µH, 3LEDs
ILED = 500mA
20µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com