Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1362 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1362
Description  60V 1A LED DRIVER WITH AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1362 Datasheet HTML 1Page - Diodes Incorporated ZXLD1362 Datasheet HTML 2Page - Diodes Incorporated ZXLD1362 Datasheet HTML 3Page - Diodes Incorporated ZXLD1362 Datasheet HTML 4Page - Diodes Incorporated ZXLD1362 Datasheet HTML 5Page - Diodes Incorporated ZXLD1362 Datasheet HTML 6Page - Diodes Incorporated ZXLD1362 Datasheet HTML 7Page - Diodes Incorporated ZXLD1362 Datasheet HTML 8Page - Diodes Incorporated ZXLD1362 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ZXLD1362
Document number: DS33472 Rev. 6 - 2
2 of 25
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXLD1362
Pin Description
Name
Pin No.
Function
LX
1
Drain of NDMOS switch
GND
2
Ground (0V)
ADJ
3
Multi-function On/Off and brightness control pin:
Leave floating for normal operation.(VADJ = VREF = 1.25V giving nominal average output current
IOUTnom = 0.1/RS)
Drive to voltage below 0.2V to turn off output current
Drive with DC voltage (0.3V < VADJ < 2.5V) to adjust output current from 25% to 200% of IOUTnom
Connect a capacitor from this pin to ground to increase soft-start time.
Soft-start time increases approximately 200µs/nF.
ISENSE
4
Connect resistor RS from this pin to VIN to define nominal average output current IOUTnom = 0.1/RS
(Note: RSMIN = 0.1
Ω with ADJ pin open circuit)
VIN
5
Input voltage (6V to 60V). Decouple to ground with 4.7µF of higher X7R ceramic capacitor close to device.
Block Diagram
Voltage
regulator
Low voltage
detector
``
L1
D1
LX
I
SENSE
V
IN
R
S
54
1
R1
0.2V
R2
R3
1.35V
R5
20k
R4
50k
D1
1.25V
ADJ
3
GND
2
C1
4.7µF
5V
V
IN
MN
GND
GND
Figure 1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com