Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1366Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1366Q
Description  AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1366Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ZXLD1366Q
Document number: DS37078 Rev. 2 - 2
21 of 32
www.diodes.com
April 2018
© Diodes Incorporated
ZXLD1366Q
Application Information (Cont.)
Figure 3. ZXLD1366Q Minimum Recommended Inductor (TSOT25)
Figure 4. ZXLD1366Q Minimum Recommended Inductor (SO-8EP)
Minimum R ecommended Inductor
2% Accuracy, <60°C Case Temperature
0
10
20
30
40
50
60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Supply Voltage (V)
Legend
68uH
100uH
150uH
220uH
0
10
20
30
40
50
60
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Legend
47礖
68礖
100礖
150礖
47礖
68礖
100礖
150礖
T < 70癈 , I
= 1A
C
LED
Supply Voltage (V)
TC < 70°C, ILED = 1A
47µH
68µH
100µH
150µH
47µH
68µH
100µH
150µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com