Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1371Q
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371Q Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1371Q Datasheet HTML 1Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 2Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 3Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 4Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 5Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 6Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 7Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 8Page - Diodes Incorporated ZXLD1371Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
2 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Functional Block Diagram
Fast
current
monitor
Accurate
current
monitor
-
Error amp
Demand
current
source
Frequency &
hysteresis
control
Gate
driver
ADJ
COMPIN
RS
VIN
+
-
LOAD
L
GI
D
R2
R1
VIN
ISENSE
VAUX
VAUX
PWM
SGND
PGND
REF
TADJ
Reference
STATUS
FLAG
Error
report
Pin Descriptions
Pin Name
Pin
Type
(Note 5)
Description
ADJ
1
I
Adjust Input (for DC output current control)
Connect to REF to set 100% output current.
Drive with DC voltage (125mV<VADJ< 1.25V) to adjust output current from 10% to 100% of set
value. The ADJ pin has an internal clamp that limits the internal node to less than 3V. This
provides some failsafe should they get overdriven
REF
2
O
Internal 1.25V Reference Voltage Output
TADJ
3
I
Temperature Adjust input for LED thermal current control
Connect thermistor/resistor network to this pin to reduce output current above a preset temperature
threshold. Connect to REF to disable thermal compensation function. (See section on thermal
control.)
SHP
4
I/O
Shaping Capacitor for Feedback Control Loop
Connect 330pF ±20% capacitor from this pin to ground to provide loop compensation
STATUS
5
O
Operation Status Output (analog output)
Pin is at 4.5V (nominal) during normal operation.
Pin switches to a lower voltage to indicate specific operation warnings or fault conditions. (See
section on STATUS output.) Status pin voltage is low during shutdown mode
Note:
5. Type refers to whether or not pin is an Input, Output, Input/Output or power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com