Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1370QESTTC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLD1370QESTTC
Description  AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY BUCK/
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370QESTTC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXLD1370QESTTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 9Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 10Page - Diodes Incorporated ZXLD1370QESTTC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ZXLD1370Q
Document number: DS37117 Rev. 4 - 2
7 of 39
www.diodes.com
February 2018
© Diodes Incorporated
ZXLD1370Q
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
6
12
18
24
30
36
42
48
54
60
SUPPLY VOLTAGE (V)
Figure 1 Supply Current vs. Supply Voltage
1.248
1.2485
1.249
1.2495
1.25
1.2505
1.251
1.2515
1.252
-40 -25 -10
5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (癈 )
Figure 2 V
vs. Temperature
REF
0%
20%
40%
60%
80%
100%
0
250
500
750
1000
1250
T
PIN VOLTAGE (mV)
Figure 3 LED Current vs. T
Voltage
ADJ
ADJ
0
250
500
750
1000
1250
1500
0
10
20
30
40
50
60
70
80
90 100
PWM DUTY CYCLE (%)
Figure 4 I
vs. PWM Duty Cycle
LED
TADJ PIN VOLTAGE (mV)
Figure 3 LED Current vs. TADJ Voltage
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com