Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDUMNH32HV Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMNH32HV
Description  7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMNH32HV Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMNH32HV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMNH32HV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMNH32HV Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMNH32HV Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
Front Panel LCD Display
Front panel LEDs indicate which loading segment the digital LCD current display is reporting; Bank 1 LED indicates
the meter is reporting load level for outlets 1-8; Bank 2 LED indicates the meter is reporting load level for outlets 9-
16; Both LEDs lighted indicates the meter is reporting load level for all outlets combined
Front Panel LEDs
Two LEDs with toggle button identify which bank the visual current meter is reporting (Bank 1, Bank 2 or Banks 1 &
2 combined)
Switches
Pressing the display toggle switch advances the local display of power consumption for the 3 reported segments:
Bank 1, Bank 2 and Banks 1+2 combined
PHYSICAL
Minimum Required Rack Depth
(inches)
16
Minimum Required Rack Depth (cm)
40.64
Shipping Dimensions (hwd / in.)
7.90 x 16.90 x 20.20
Shipping Dimensions (hwd / cm)
20.07 x 42.93 x 51.31
Shipping Weight (lbs.)
15.60
Shipping Weight (kg)
7.08
Unit Dimensions (hwd / in.)
3.5 x 17.5 x 12.5
Unit Dimensions (hwd / cm)
8.9 x 44.5 x 31.75
Unit Weight (lbs.)
13.7
Unit Weight (kg)
6.21
Material of Construction
Metal
Form Factors Supported
2U rackmount
PDU Form Factor
Horizontal (2U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
Up to 95% non-condensing
Operating Elevation (ft.)
Up to 10,000
Operating Elevation (m)
Up to 3000
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
CERTIFICATIONS
Certifications
Tested to CE (IEC 60950-1), EN Class A (Emissions), RoHS compliant, TAA Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com