| Electronic Components Datasheet Search |
|
STSJ18NF3LL Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSJ18NF3LL Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() STSJ18NF3LL 2/9 Table 4: THERMAL DATA (*) When Mounted on FR-4 board with 1 inch2 pad, 2 oz of Cu and t > 10 sec. ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED) Table 5: OFF Table 6: ON (*) Table 7: DYNAMIC Rthj-c Rthj-amb Tj Tstg Thermal Resistance Junction-case (*)Thermal Resistance Junction-ambient Maximum Operating Junction Temperature Storage Temperature Max Max 1.8 41.7 150 -55 to 150 °C/W °C/W °C °C Symbol Parameter Test Conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID = 250 µA, VGS = 0 30 V IDSS Zero Gate Voltage Drain Current (VGS = 0) VDS = Max Rating VDS = Max Rating TC = 125°C 1 10 µA µA IGSS Gate-body Leakage Current (VDS = 0) VGS = ± 16 V ±100 nA Symbol Parameter Test Conditions Min. Typ. Max. Unit VGS(th) Gate Threshold Voltage VDS = VGS ID = 250 µA 1V RDS(on) Static Drain-source On Resistance VGS = 10 V ID = 9 A VGS = 4.5 V ID = 9 A 0.016 0.019 0.019 0.022 Ω Ω Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs (*) Forward Transconductance VDS=15 V ID =9 A 17 S Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, f = 1 MHz, VGS = 0 800 250 60 pF pF pF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |