Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS3231 Datasheet HTML 1Page - Dallas Semiconductor DS3231 Datasheet HTML 2Page - Dallas Semiconductor DS3231 Datasheet HTML 3Page - Dallas Semiconductor DS3231 Datasheet HTML 4Page - Dallas Semiconductor DS3231 Datasheet HTML 5Page - Dallas Semiconductor DS3231 Datasheet HTML 6Page - Dallas Semiconductor DS3231 Datasheet HTML 7Page - Dallas Semiconductor DS3231 Datasheet HTML 8Page - Dallas Semiconductor DS3231 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.3V to 5.5V, VCC > VBAT, TA = TMIN to TMAX, unless otherwise noted.) (Typical values are at VCC = 3.3V, VBAT = 3.0V, and
TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
fOUT
VCC = 3.3V or VBAT = 3.3V
32.768
kHz
0°C to +40°C
±2
Frequency Stability vs.
Temperature (Commercial)
∆f/fOUT
VCC = 3.3V or
VBAT = 3.3V,
aging offset = 00h
>40°C to +70°C
±3.5
ppm
-40°C to <0°C
±3.5
0°C to +40°C
±2
Frequency Stability vs.
Temperature (Industrial)
∆f/fOUT
VCC = 3.3V or
VBAT = 3.3V,
aging offset = 00h
>40°C to +85°C
±3.5
ppm
Frequency Stability vs. Voltage
∆f/V
1
ppm/V
-40°C
0.7
+25°C
0.1
+70°C
0.4
Trim Register Frequency
Sensitivity per LSB
∆f/LSB
Specified at:
+85°C
0.8
ppm
Temperature Accuracy
Temp
VCC = 3.3V or VBAT = 3.3V
-3
+3
°C
First year
±1.0
Crystal Aging
∆f/f0
After reflow,
not production tested
0–10 years
±5.0
ppm
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.3V to 5.5V, TA = TMIN to TMAX, unless otherw.ise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT = 3.63V
70
Active Battery Current
IBATA
EOSC = 0, BBSQW = 0,
SCL = 400kHz (Note 4)
VBAT = 5.5V
150
µA
VBAT = 3.63V
0.84
3.0
Timekeeping Battery Current
IBATT
EOSC = 0, BBSQW = 0,
EN32kHz = 1,
SCL = SDA = 0V or
SCL = SDA = VBAT (Note 4)
VBAT = 5.5V
1.0
3.5
µA
VBAT = 3.63V
575
Temperature Conversion Current
IBATTC
EOSC = 0, BBSQW = 0,
SCL = SDA = 0V or
SCL = SDA = VBAT
VBAT = 5.5V
650
µA
Data-Retention Current
IBATTDR
EOSC = 1, SCL = SDA = 0V, +25°C
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com