Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231SN Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS3231SN
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231SN Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS3231SN Datasheet HTML 5Page - Dallas Semiconductor DS3231SN Datasheet HTML 6Page - Dallas Semiconductor DS3231SN Datasheet HTML 7Page - Dallas Semiconductor DS3231SN Datasheet HTML 8Page - Dallas Semiconductor DS3231SN Datasheet HTML 9Page - Dallas Semiconductor DS3231SN Datasheet HTML 10Page - Dallas Semiconductor DS3231SN Datasheet HTML 11Page - Dallas Semiconductor DS3231SN Datasheet HTML 12Page - Dallas Semiconductor DS3231SN Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
_____________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
32kHz
32kHz Output. This open-drain pin requires an external pullup resistor. It may be left open if not used.
2VCC
DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1µF to 1.0µF capacitor.
If not used, connect to ground.
3
INT/SQW
Active-Low Interrupt or Square-Wave Output. This open-drain pin requires an external pullup resistor. It may be
left open if not used. This multifunction pin is determined by the state of the INTCN bit in the Control Register
(0Eh). When INTCN is set to logic 0, this pin outputs a square wave and its frequency is determined by RS2
and RS1 bits. When INTCN is set to logic 1, then a match between the timekeeping registers and either of the
alarm registers activates the INT/SQW pin (if the alarm is enabled). Because the INTCN bit is set to logic 1
when power is first applied, the pin defaults to an interrupt output with alarms disabled.
4
RST
Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative to the
VPF specification. As VCC falls below VPF, the RST pin is driven low. When VCC exceeds VPF, for tRST, the RST
pin is driven high impedance. The active-low, open-drain output is combined with a debounced pushbutton
input function. This pin can be activated by a pushbutton reset request. It has an internal 50k
Ω nominal value
pullup resistor to VCC. No external pullup resistors should be connected. If the crystal oscillator is disabled, the
startup time of the oscillator is added to the tRST delay.
5–12
N.C.
No Connection. Must be connected to ground.
13
GND
Ground
14
VBAT
Backup Power-Supply Input. This pin should be decoupled using a 0.1µF to 1.0µF low-leakage capacitor.
If the I2C interface is inactive whenever the device is powered by the VBAT input, the decoupling capacitor is
not required. If VBAT is not used, connect to ground. UL recognized to ensure against reverse charging when
used with a lithium battery. Go to www.maxim-ic.com/qa/info/ul.
15
SDA
Serial Data Input/Output. This pin is the data input/output for the I2C serial interface. This open-drain pin
requires an external pullup resistor.
16
SCL
Serial Clock Input. This pin is the clock input for the I2C serial interface and is used to synchronize data
movement on the serial interface.
Detailed Description
The DS3231 is a serial RTC driven by a temperature-
compensated 32kHz crystal oscillator. The TCXO pro-
vides a stable and accurate reference clock, and
maintains the RTC to within ±2 minutes per year accu-
racy from -40°C to +85°C. The TCXO frequency output
is available at the 32kHz pin. The RTC is a low-power
clock/calendar with two programmable time-of-day
alarms and a programmable square-wave output. The
INT/SQW provides either an interrupt signal due to
alarm conditions or a square-wave output. The clock/cal-
endar provides seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. The internal registers are
accessible though an I2C bus interface.
A temperature-compensated voltage reference and
comparator circuit monitors the level of VCC to detect
power failures and to automatically switch to the back-
up supply when necessary. The RST pin provides an
external pushbutton function and acts as an indicator
of a power-fail event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com