Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRHANDLE1 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRHANDLE1
Description  Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRHANDLE1 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRHANDLE1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRHANDLE1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Replacement Lock for SmartRack Server Rack
Cabinets - Front and Back Doors, 2 Keys,
Version 1
MODEL NUMBER: SRHANDLE1
Replacement lock handle kit with included keys allow facility and IT managers to designate authorized
access to rack cabinets.
Features
Theft-Deterrent Replacement Handle Prevents Unauthorized Access to Your Rack Cabinet
This replacement lock handle kit helps you securely store your valuable rack-mounted equipment to
protect it from damage, tampering or theft. It’s recommended for data centers, server rooms or network
closets where you need your floor-standing rack enclosures to be protected from unauthorized access.
Included Keys Are Specific to This Lock Only
SRHANDLE1 fits SmartRack enclosure door assemblies equipped with handles. Replacement handles for
front and rear doors are included, which replace the rack cabinet’s existing door handles using the original
mounting hardware. Easy installation takes just a few minutes. The included keys fit SRHANDLE1 locks
only, allowing you to control who has access to internal equipment. Keys and handles are marked with the
numeral “1” for quick identification.
Highlights
Replacement door lock fits
SmartRack® floor-standing
enclosures with door handles
q
Uses mounting hardware from
existing SmartRack door handle
for quick installation
q
Includes 2 keys specific to this
model to give you control over
who has access
q
Applications
Prevent unauthorized access to
rack-mounted equipment in your
data center, server room or
network closet
q
Provide keys to specific
personnel to limit access to
certain rack enclosures
q
System Requirements
SmartRack floor-standing
enclosure with front and/or rear
door handles
q
Package Includes
(2) Locking handles
q
(2) Keys
q
Owner’s manual
q
OVERVIEW
UPC Code
037332212689
PHYSICAL
Shipping Dimensions (hwd / in.)
6.00 x 7.00 x 2.00
Shipping Weight (kg)
0.45
1 / 2


Similar Part No. - SRHANDLE1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRHANDLE2 TRIPPLITE-SRHANDLE2 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 2
SRHANDLE3 TRIPPLITE-SRHANDLE3 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 3
SRHANDLE4 TRIPPLITE-SRHANDLE4 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 4
More results

Similar Description - SRHANDLE1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UB TRIPPLITE-SR25UB Datasheet
494Kb / 3P
25U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SRCOMBO TRIPPLITE-SRCOMBO Datasheet
474Kb / 1P
SmartRack Door Handles with Combination Lock - 2-pack for front and rear doors with bypass key
SRSWITCH TRIPPLITE-SRSWITCH Datasheet
469Kb / 1P
SmartRack Magnetic Door Switch Kit for front and rear doors; requires ENVIROSENSE
SRHANDLE2 TRIPPLITE-SRHANDLE2 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 2
SRHANDLE3 TRIPPLITE-SRHANDLE3 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 3
SRHANDLE4 TRIPPLITE-SRHANDLE4 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 4
SR14UBDP TRIPPLITE-SR14UBDP Datasheet
197Kb / 3P
14U SmartRack Deep Server Rack - 42 in. Depth, Doors & Side Panels Included
SRWCOMBO TRIPPLITE-SRWCOMBO Datasheet
175Kb / 2P
Replacement Combination Lock for SmartRack Wall-Mount Server Rack Cabinets - Front Door
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com