Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3486 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 3 Page - Linear Technology

  LT3486 Datasheet HTML 1Page - Linear Technology LT3486 Datasheet HTML 2Page - Linear Technology LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3486
3
3486f
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VPWM1 = 3V, VPWM2 = 3V,
VSHDN = 3V, unless otherwise noted.
Note 1: Absolute maximum ratings are those beyond which the life of a
device may be impaired.
Note 2: The LT3486E is guaranteed to meet specified performance from
0°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40°C and 85°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
RT = 53.6k
●
90
96
%
RT = 20.5k
90
%
RT = 309k
98
%
Switch Current Limit (SW1, SW2)
1
1.3
A
Switch VCESAT
ISW1 = ISW2 = 0.75A
300
mV
Switch Leakage Current
VSW1 = VSW2 = 10V
0.1
5
µA
Error Amplifier Transconductance
∆I = ±5µA
220
µA/V
Error Amplifier Voltage Gain
120
VC1, VC2 Switching Threshold
0.85
V
VC1, VC2 Clamp Voltage
1.5
V
VC1, VC2 Source Current
VFB1 = VFB2 = 0V
25
µA
VC1, VC2 Sink Current
VFB1 = VFB2 = 1V
25
µA
VC1, VC2 Pin Leakage Current
VC1 = VC2 = 1V, VPWM1 = VPWM2 = 0V
1
10
nA
OVP1, OVP2 Overvoltage Threshold Voltage
34
36
38
V
CTRL1, CTRL2 Voltages to Turn Off LED1, 2 Currents
●
75
mV
CTRL1, CTRL2 Voltages to Turn On LED1, 2 Currents
150
mV
CTRL1, CTRL2 Voltages for Full LED1, 2 Currents
1.8
V
CTRL1, CTRL2 Pin Bias Current
VCTRL1 = VCTRL2 = 3V
●
20
30
40
µA
PWM1, PWM2 Voltage High
●
0.9
V
PWM1, PWM2 Voltage Low
●
0.4
V
PWM1, PWM2 Pin Bias Current
VPWM1 = VPWM2 = 3V
0.1
1
µA
SHDN Voltage High
1.6
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
VSHDN = 3V
20
µA
REF Voltage
IREF = 10µA
1.2
1.25
1.3
V
REF Source Current
●
50
80
µA
ELECTRICAL CHARACTERISTICS
Note 3: Current flows out of the pin.
Note 4: Guaranteed by design and test correlation, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com