Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3828 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3828
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3828 Datasheet HTML 2Page - Linear Technology LTC3828 Datasheet HTML 3Page - Linear Technology LTC3828 Datasheet HTML 4Page - Linear Technology LTC3828 Datasheet HTML 5Page - Linear Technology LTC3828 Datasheet HTML 6Page - Linear Technology LTC3828 Datasheet HTML 7Page - Linear Technology LTC3828 Datasheet HTML 8Page - Linear Technology LTC3828 Datasheet HTML 9Page - Linear Technology LTC3828 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC3828
3828f
VITH (V)
0
80
70
60
50
40
30
20
10
0
–10
–20
2.0
3828 G16
3828 G19
3828 G20
3828 G21
3828 G22
3828 G23
3828 G24
0.5
1.0
1.5
2.5
OUTPUT CURRENT (A)
0
4.0
3828 G17
1.0
0.5
1.5
2.5
3.5
2.0
3.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VSENSE COMMON MODE VOLTAGE (V)
01
24
3
5
6
3828 G18
100
50
0
–50
–100
VOUT1
1V/DIV
VOUT2
1V/DIV
VOUT1
100mV/DIV
VOUT2
100mV/DIV
IL1
2A/DIV
VOUT1
100mV/DIV
VOUT2
100mV/DIV
SW1
20V/DIV
IIN
25A/DIV
VIN
RIPPLE
50mV/DIV
SW2
20V/DIV
IL1
2A/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
5ms/DIV
2ms/DIV
100
µs/DIV
500ns/DIV
50
µs/DIV
50
µs/DIV
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
LOAD STEP = 0A TO 3A
WITH RATIOMETRIC TRACKING
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
LOAD STEP = 0A TO 3A
WITH RATIOMETRIC TRACKING
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
IOUT5 = IOUT3.3 = 2A
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
VIN = 12V
VOUT1 = 5V
VOUT2 = 3.3V
Soft Start-Up:
(Figure 14, with Coincident
Tracking)
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.
Current Sense Threshold vs
ITH Voltage
Dropout Voltage vs Output Current
(Figure 14)
SENSE Pins Total Source Current
Soft Start-Up:
(Figure 14, with Internal Soft
Start-Up)
Soft Start-Up:
(Figure 14, with Ratiometric
Tracking)
Load Step: Burst Mode Operation
(Figure 14)
Input Source/Capacitor
Instantaneous Current
(Figure 14)
Load Step: Continuous Mode
(Figure 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com