Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4441IMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4441IMSE
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441IMSE Datasheet(HTML) 3 Page - Linear Technology

  LTC4441IMSE Datasheet HTML 1Page - Linear Technology LTC4441IMSE Datasheet HTML 2Page - Linear Technology LTC4441IMSE Datasheet HTML 3Page - Linear Technology LTC4441IMSE Datasheet HTML 4Page - Linear Technology LTC4441IMSE Datasheet HTML 5Page - Linear Technology LTC4441IMSE Datasheet HTML 6Page - Linear Technology LTC4441IMSE Datasheet HTML 7Page - Linear Technology LTC4441IMSE Datasheet HTML 8Page - Linear Technology LTC4441IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
44411f
LTC4441/LTC4441-1
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 7.5V, DRVCC = 5V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4441E/LTC4441E-1 are guaranteed to meet performance
specifications from 0°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC4441I/LTC4441I-1 are
guaranteed and tested over the – 40°C to 85°C operating temperature
range.
Note 3: Failure to solder the Exposed Pad of the MSE package to the PC
board will result in a thermal resistance much higher than 38°C/W.
Note 4: Supply current in normal operation is dominated by the current
needed to charge and discharge the external power MOSFET gate. This
current will vary with supply voltage, switching frequency and the external
MOSFETs used.
Note 5: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured from 50% of input to 20%/80% levels at driver
output.
Note 6: Blanking time is measured from 50% of OUT leading edge to 10%
of BLANK with a 1kΩ pull-up at BLANK pin. LTC4441 only.
Note 7: Guaranteed by design, not subject to test.
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the maximum operating junction temperature
may impair device reliability.
TYPICAL PERFOR A CE CHARACTERISTICS
IN Low Threshold Voltage
vs Temperature
IN High Threshold Voltage
vs Temperature
EN Pin Input Threshold Voltage
vs Temperature
TEMPERATURE (°C)
–50
25
4441 G01
–25
0
50
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
75
100
125
VIN = 7.5V
DRVCC = 5V
TEMPERATURE (°C)
–50
25
4441 G02
–25
0
50
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
75
100
125
VIN = 7.5V
DRVCC = 5V
TEMPERATURE (°C)
–50
25
4441 G03
–25
0
50
1.26
1.24
1.22
1.20
1.18
1.14
1.10
1.06
1.16
1.12
1.08
1.04
75
100
125
VIN = 7.5V
DRVCC = 5V
RISING EDGE
FALLING EDGE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output
RONL
Driver Output Pull-Down Resistance
IOUT = 100mA
●
0.35
0.8
Ω
IPU
Driver Output Peak Pull-Up Current
DRVCC = 8V
6
A
IPD
Driver Output Peak Pull-Down Current
DRVCC = 8V
6
A
RON(BLANK)
BLANK Pin Pull-Down Resistance
IN = 0V, IBLANK = 100mA LTC4441 Only
11
Ω
VRBLANK
RBLANK Pin Voltage
RBLANK = 200kΩ LTC4441 Only
1.3
V
Switching Timing
tPHL
Driver Output High-Low Propagation Delay
COUT = 4.7nF (Note 5)
30
ns
tPLH
Driver Output Low-High Propagation Delay
COUT = 4.7nF (Note 5)
36
ns
tr
Driver Output Rise Time
COUT = 4.7nF (Note 5)
13
ns
tf
Driver Output Fall Time
COUT = 4.7nF (Note 5)
8
ns
tBLANK
Driver Output High to BLANK Pin High
RBLANK = 200kΩ (Note 6)
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com