Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXF Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # MXF
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

MXF Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  MXF Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd MXF Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd MXF Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M1F THRU M7F
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
SMAF
· Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
· For surface mounted applications
· Low profile package
· Easy pick and place
· Built-in strain relief
· Low forward voltage drop
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic, SMAF
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
M1F
M2F
M3F
M4F
M5F
M6F
M7F
Units
VRRM
50
100
200
400
600
800
1000
Volts
VRMS
35
70
140
280
420
560
700
Volts
VDC
50
100
200
400
600
800
1000
Volts
I(AV)
Amp
VF
Volts
at TA=25℃
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃
/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal resistance from junction to ambient mounted on P.C.B. with 0.3 x 0.3” (8.0 x 8.0mm) copper pad areas
-55 to +150
IFSM
IR
1.0
25
1.1
5.0
100
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,8.3ms single half-sine-
wave superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A
Maximum Reverse Current at
Rated DC Blocking Voltage
Amp
μAmp
7
83
-55 to +150
Dimensions in inches and (millimeters)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com