Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUTX40K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SUTX40K
Description  SmartOnline SUTX Series 3-Phase 220/380V, 230/400V, 240/415V 40kVA 40kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUTX40K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SUTX40K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUTX40K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SUTX40K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SUTX40K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SUTX40K Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SUTX40K Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
VFI True On-Line Double-Conversion 3-Phase UPS System
Provides fully regulated sine wave AC output for critical data center, LAN/WAN and distributed server
room applications
q
+/-1% output voltage regulation in online and battery modes
q
1.0 unit power factor offers 40kVA/40kW output capacity, allowing for more connected devices
q
Supports 380/220V, 400/230V or 415/240V at 50/60 Hz in continued operation
q
Wide input voltage window (228–477V) minimizes battery use and prolongs battery life
q
Reliable Battery Backup with Expandable Runtime
Supports half load for 15.5 min. and full load for 5.9 min. with standard internal battery
q
Zero transfer time suitable for advanced network applications
q
Expandable runtime with optional external battery packs, such as Tripp Lite’s BP480V200
q
Restarts automatically after lengthy power outages
q
IGBT Inverter Technology
Produces output power with 1% THD to keep connected equipment functioning at its peak
q
Low <4% THDi input rating and advanced IGBT rectifier enables 1:1 generator sizing, eliminating costly
oversizing requirements for generators, breakers and cables
q
Paralleling Capability
Connect up to 4 units in parallel configuration for fault tolerance or increased capacity up to 160kVA
q
Automatic and Manual Bypass
Allows maintenance without removing power from attached loads
q
Increases system reliability
q
ECO Mode
Operates at efficiency levels as high as 99% when input line conditions are favorable
q
Optional Network Management Card
Compatible with Tripp Lite UPS card accessory WEBCARDLX
q
Communications Ports
DB9 port enables data-saving unattended shutdown when used with Tripp Lite’s Power Alert software
(available via free download at www.tripplite.com/poweralert)
q
EPO port supports emergency shutdown in large facilities
q
Single, Compact Cabinet
May be installed with either single or dual AC sources for increased availability
q
2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com