Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB111 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB111
Description  Four Channel Programmable DC-DC System Power Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB111 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB111 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB111
Preliminary Information
© SUMMIT Microelectronics, Inc. 2005
1717 Fox Drive • San Jose CA 95131
Phone 408 436-9890 • FAX 408 436-9897
http://www.summitmicro.com/
2100 2.3 5/3/2005
1
Four Channel Programmable DC-DC System Power Manager
INTRODUCTION
• Digital programming of all major parameters via I2C
interface and non-volatile memory
o
Output voltage set point
o
Output power-up/down sequencing
o
Digital soft-start and output slew rate
o
Input/Battery voltage monitoring
o
UV/OV monitoring of all outputs
o
Enable/Disable outputs independently
• Four output channels
o
Three synchronous step-down (buck)
channels
o
One step-up (boost) channel
• User friendly Graphical User Interface (GUI)
• +2.7V to +6.0V Input range
• Highly accurate output voltage (<0.5%) with Active DC
Output Control (ADOC™) technology
• Undervoltage Lockout (UVLO) with hysteresis
• 800 kHz operating frequency
• 96 bytes of user configurable nonvolatile memory
Applications
• Digital camcorders/still cameras
• Portable DVD/MP3/GPS
• Camera/smart phones
• TFT/LCD Displays/Monitors/TV’s
• Mobile Computing/PDA’s
• Consumer battery-operated equipment
The SMB111 is a highly integrated and flexible four-channel
power manager designed for use in a wide range of portable
applications. The built-in digital programmability allows system
designers to custom tailor the device to suit almost any multi-
channel power supply application from digital camcorders to
mobile phones. Complete with a user friendly GUI, all
programmable
settings
including
output
voltages
and
input/output voltage monitoring can be customized with ease.
The SMB111 integrates all the essential blocks required to
implement a complete four-channel power subsystem including
three synchronous step-down “buck” controllers and one step-
up
“boost”
controller.
Additionally
sophisticated
power
control/monitoring functions required by complex systems are
built-in. These include digitally programmable output voltage
set
point,
power-up/down
sequencing,
enable/disable,
margining and UV/OV/input/output monitoring on all channels.
The integration of features and built-in flexibility of the SMB111
allows the system designer to create a “platform solution” that
can be easily modified via software without major hardware
changes.
Combined with the re-programmability of the
SMB111 this facilitates rapid design cycles and proliferation
from a base design to future generations of product.
The SMB111 is suited to battery-powered applications with an
input range of +2.7V to +6.0V. Output voltages are extremely
accurate (<0.5%) employing proprietary ADOC™ technology.
Communication is via the industry standard I
2C bus. All user-
programmed settings are stored in non-volatile EEPROM of
which 96 bytes may be used for general-purpose memory
applications. The operating temperature range is 0C to +70C
and the available package is a lead-free, Green, RoHS
compliant, 32-pad QFN-32.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
Figure 1: Applications schematic featuring the SMB111 four-channel, programmable DC-DC controller
Note: This is an applications example only. Some pins, components and values are not shown.
SMB111
+0.8V to 0.9 x Vin (Prog.) @ 2A
+2.7V to +6.0V
or
Li-Ion
CPU Core
I2C/SMBus
3 Step-
Down
(Buck)
Channels
Step-Up
(Boost)
Channel
System
Control and
Monitoring
Reset Output
Power Good
Reset Input
Vin to +30V (Prog.) @ UP TO 1A
LED Drive
+0.8V to 0.9 x Vin (Prog.) @ 2A
Memory, I/O
+0.8V to 0.9 x Vin (Prog.) @ 2A
DSP/Codec


Similar Part No. - SMB111

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com