Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKT55 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKT55
Description  Thyristor/Diode Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT55 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKT55 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAJOR RATINGS AND CHARACTERISTICS
CHARACTERISTICS
I
/ I
T(AV) F(AV)
85 °C
I
/ I
T(RMS) F(RMS)
I
/ I
TSM FSM
50 Hz
60 Hz
2
I t
50 Hz
2
kA √
60 Hz
2
I √t
V
/ V
DRM
RRM
Range
TJ
Range
PRODUCT SUMMARY
60 A
85 °C
UNITS
VALUE
A
2
kA s
°C
V
60
94
1250
1313
7.81
7.13
78.1
600 to 1600
-40 to 150
Nell High Power Products
Page 1 of 4
www.nellsemi.com
s
SYMBOL
I
/ I
T(AV) F(AV)
NKT55/NKH55 Series RoHS
Apr 2017
FEATURES
• High voltage
• Electrically isolated by DBC ceramic (AI O )
2 3
• 3000 VRMS isolating voltage
• Industrial standard package
• High surge capability
Two elements in one package
• Modules uses high voltage power thyristors/diodes in
twobasic configurations
• Simple mounting
• UL approved file E320098
• Compliant to RoHS
• Designed and qualified for multiple level
APPLICATIONS
• DC motor control and drives
• Battery charges
• Welders
• Power converters
• Lighting control
• Heat and temperature control
ADD-A-PAK
•
NKT
NKH
3
2
1
3
2
1
Thyristor
/Diode and Thyristor/Thyristor, 60A
(ADD-A-PAK Power Modules)


Similar Part No. - NKT55

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
697Kb / 4P
Thyristor/Diode Power Modules
NKT500-1 NELLSEMI-NKT500-1 Datasheet
697Kb / 4P
Thyristor/Diode Power Modules
More results

Similar Description - NKT55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com