Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP503 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NP503
Description  Power Modules Passivated Assembled Circuit Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NP503 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NP503 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NP503 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE
NUMBER
V
/V
, MAXIMUM REPETITIVE
DRM
RRM
PEAK AND OFF-STATE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
MAXIMUM
RRM
AT T
MAXIMUM
J
mA
NP501/NP501W/NP501S
400
800
1000
10
1200
1600
RoHS
RoHS
Nell High Power Products
NP502/NP502W/NP502S
NP503/NP503W/NP503S
NP504/NP504W/NP504S
NP505/NP505W/NP505S
500
900
1100
1300
1700
ON-STATE CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Maximum DC output current
at case temperature
IO
Full bridge circuits
A
80
ºC
Maximum peak, one cycle
non-reptitive on-state or forward current
ITSM,
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
550
576
460
484
1510
1380
1058
2
kA s
A
972
²
Maximum l t for fusing
15125
V
50
VTM
VT(TO)1
rt1
mΩ
2
I √t
2
kA √s
²
Maximum l √t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
dl/dt
Maximum non-repetitive rate of rise of
turned-on current
Maximum forward voltage drop
Maximum on-state voltage drop
Low level value of on-state slope resistance
Low level value of threshold voltage
(16.7 % x x l
<I< x l
), T = T maximum
T(AV)
T(AV)
J
J
(16.7 % x
l
<I< x l
), T = T maximum
T(AV)
T(AV)
J
J
(I> x l
), T = T maximum
T(AV)
J
J
I
=150A
FM
1.03
9.61
7.01
A/µs
2
I t
1.4
1.4
VALUE
0.83
2
2
.
l t for time tx = l √t √t x
High level value of threshold voltage
VT(TO)2
(I> x l
), T = T maximum
T(AV)
J
J
rt2
lL
lH
Maximum latching current
Maximum holding current
T = 25°C anode supply = 6V, resistive load
J
mA
200
130
High level value of on-state slope resistance
VFM
250
t = 0.1 to 10 ms, no voltage reapplied
T = 125 °C from 0.67 V
J
DRM
l
= 150A, lg = 500 mA, t < 0.5 µs, tp > 6µs
TM
r
I
=150A
TM
T = 25 °C
J
T = 25 °C
J
V
V
NP500 Series
www.nellsemi.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com