Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP141AIDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141AIDBVT
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP141AIDBVT Datasheet HTML 10Page - Texas Instruments TMP141AIDBVT Datasheet HTML 11Page - Texas Instruments TMP141AIDBVT Datasheet HTML 12Page - Texas Instruments TMP141AIDBVT Datasheet HTML 13Page - Texas Instruments TMP141AIDBVT Datasheet HTML 14Page - Texas Instruments TMP141AIDBVT Datasheet HTML 15Page - Texas Instruments TMP141AIDBVT Datasheet HTML 16Page - Texas Instruments TMP141AIDBVT Datasheet HTML 17Page - Texas Instruments TMP141AIDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TMP141
SBAS347 − MARCH 2005
www.ti.com
14
EXCEPTION HANDLING
ATTENTION REQUEST
Two conditions can cause the TM141 to generate an
Attention Request: a conversion completion and a bus
error.
Upon completion of a conversion, an Attention Request
may be asserted if an Attention Request is enabled (bit 0
in the Temperature Control register), if the bus is inactive,
and if there has not been an Attention Request on the bus
since the Device Status register was last read or the last
bus reset.
A slave generates an Attention Request by holding the bus
low for time tSLoutA. Because it is longer than any other
signal (except Reset), it takes priority over the other bus
signals (Start, Data 1, and Data 0).
ATTENTION REQUEST SERVICE
The master is required to read the status register of all
slaves after an Attention Request to determine which
slave sent the request. While an Attention Request service
is pending, no slave can generate another Attention
Request to request a read of its Temperature Readout
register. However, Attention Requests caused by bus
errors will continue to be generated.
ACKNOWLEDGE (ACK)
During a Read transaction, the master sends the ACK bit
to indicate that the even parity (EP) bit was received, found
to be correct when compared to the data preceding it, and
no conflict was detected on the bus. During a Write
transaction, the slave sends the ACK bit with the same
meaning as when the master sends it. A transaction is
considered complete only when the ACK bit is received. If
an ACK bit of ‘1’ is not received during a Write transaction,
the TMP141 will not perform any internal operations based
on that transaction. A transaction with an Acknowledge bit
of 0 is not considered complete by the TMP141, and the
following actions are performed:
1.
The bus error bit in the TMP141 Device Status register
is set.
2.
The TMP141 generates an Attention Request before
(or together with) the Start Bit of the next transaction.
A transaction that was not positively acknowledged is also
not considered complete by the master (that is, the master
will not use data that it received from a transaction that was
not acknowledged). The transaction may be repeated by
the master after detecting the source of the Attention
Request (the TMP141 or other slave that has a set BER bit
in the Device Status Register). Note that the SensorPath
protocol neither forces, nor automates re-execution of, the
transaction by the master.
Incomplete Transactions:
If the TMP141 receives a Start Bit during a transaction, it
aborts the current transaction, and begins a new one. This
process is not recommended, but is a legal operation. No
error will be generated.
If excess bits are received, the extra bits are ignored. The
TMP141 expects the parity (EP) and acknowledge (ACK)
bits in the usual places. However, in such cases, there is
usually a parity error, and the transaction is not
acknowledged. Error handling proceeds as described in
the Acknowledge section.
If insufficient bits are received, the TMP141 will wait
indefinitely for the missing bits. If the master starts a new
transaction before those bits are received, the TMP141
abandons the current transaction, and begins the new
transaction. No error is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com