Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP07328 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07328
Description  SAW Filter 2350.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07328 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07328 Datasheet HTML 1Page - Golledge Electronics Ltd MP07328 Datasheet HTML 2Page - Golledge Electronics Ltd MP07328 Datasheet HTML 3Page - Golledge Electronics Ltd MP07328 Datasheet HTML 4Page - Golledge Electronics Ltd MP07328 Datasheet HTML 5Page - Golledge Electronics Ltd MP07328 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2350.0MHz
Model: TA1966A
Part No: MP07328
Rev No: 1
TA1966A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 28dBm
2. DC Voltage: 0V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
5. ESD 50V (MM) 100V (HBM)
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50Ω
2. Terminating load impedance: ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
2350
-
-
Insertion Loss (2300 ~ 2400MHz) IL
dB
-
1.9
2.8
-
Amplitude ripple (2300 ~ 2400MHz)
dBp-p
-
1.2
2.3
-
VSWR (2300 ~ 2400MHz)
-
1.5
2.0
-
Attenuation (reference level from 0dB)
10 ~ 1574MHz
dB
20
29
-
-
1574 ~ 1577MHz
dB
20
29
1577 ~ 1680MHz
dB
20
27
1845 ~ 1880MHz
dB
18
25
-
-
2110 ~ 2170MHz
dB
18
25
-
-
2240 ~ 2285MHz
dB
1.5
7
-
-
2415 ~ 2420MHz
dB
1.5
5
-
-
2420 ~ 2460MHz
dB
3
6
-
-
2460 ~ 2485MHz
dB
30
43
-
-
2485 ~ 2500MHz
dB
30
48
2500 ~ 3000MHz
dB
20
26
4600 ~ 4800MHz
dB
20
25
4800 ~ 6000MHz
dB
18
21
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-


Similar Part No. - MP07328

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07320 GOLLEDGE-MP07320 Datasheet
174Kb / 8P
SAW Filter 918.60MHz
MP07322 GOLLEDGE-MP07322 Datasheet
281Kb / 9P
SAW Filter 1582.470MHz
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07329 GOLLEDGE-MP07329 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results

Similar Description - MP07328

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07329 GOLLEDGE-MP07329 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com