Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42526 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS42526
Description  114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42526 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS42526 Datasheet HTML 82Page - Cirrus Logic CS42526 Datasheet HTML 83Page - Cirrus Logic CS42526 Datasheet HTML 84Page - Cirrus Logic CS42526 Datasheet HTML 85Page - Cirrus Logic CS42526 Datasheet HTML 86Page - Cirrus Logic CS42526 Datasheet HTML 87Page - Cirrus Logic CS42526 Datasheet HTML 88Page - Cirrus Logic CS42526 Datasheet HTML 89Page - Cirrus Logic CS42526 Datasheet HTML 90Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
DS585PP5
89
CS42526
Table 22. Revision History
Release
Date
Changes
A1
December 2002
Advance Release
PP1
August 2003
Preliminary Release
PP2
August 2003
– Added Revision History table.
– Updated registers 6.7.4 and 6.7.5 on page 53.
PP3
March 2004
Corrected error in document title.
PP4
July 2004
Add lead free part numbers
PP5
January 2005
– Updated PLL components in Table 21 on page 80.
– Added PDN_RCVR1 bit and description on page 47.
– Added LOCKM bit and description on page 65.
– Added OMCK Frequency specification in the Switching Characteristics table on
page 12.
– Updated ADC Input Impedance and Offset Error specifications in the Analog
Input Characteristics table on page 8.
– Updated the DAC Full Scale Voltage, Output Impedance, and Gain Drift
specifications in the Analog Output Characteristics table on page 10.
– Updated specification conditions for the analog input characteristics on page 8.
– Updated specification conditions for the analog output characteristics on
page 10.
– Updated specification of tds and tdh in the Switching Characteristics table on
page 12.
– Corrected reference to the SW_CTRL[1:0] bits in section 4.5.3 on page 26.
– Moved the VQ and FILT+ specifications from the Analog Input Characteristics
table on page 8 to the DC Electrical Characteristics table on page 15.
– Updated the Power Supply Current and Power Consumption specifications in
the DC Electrical Characteristics table on page 15.
– Updated the description of the CONF bit on page page 67.
– Updated Table 13 on page 54 to include HDCD format detection.
– Corrected default value of the Chip_ID[3:0] bits in register 01h on pages 42 and
46.
– Updated default value of the Rev_ID[3:0] bits in register 01h on pages 42 and
46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com