Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C113 Datasheet(PDF) 2 Page - Luna Innovations Incorporated

Part # PDB-C113
Description  Blue Enhanced Photoconductive Silicon Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C113 Datasheet(HTML) 2 Page - Luna Innovations Incorporated

  PDB-C113 Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C113 Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C113
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page /2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C UNLESS OTHERWISE NOTED
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Short Circuit Current
H=100 fc, 2850 K
90
110
-
µA
Dark Current
VR = 10V
-
5
30
nA
Shunt Resistance
VR = 10 mV
100
250
-
MΩ
Junction Capacitance
VR = 10V, f = 1 MHz
-
60
-
pF
Spectral Application Range
Spot Scan
350
-
1100
nm
Responsivity
I= 450nm V, VR =0V
0.15
0.18
-
A/W
Breakdown Voltage
I = 10
µA
75
100
-
V
Noise Equivalent Power
VR = 0V@ I =950nm
-
9x10
-14
-
W/ √
Hz
Response Time
RL = 50
Ω, V
R =0V
-
190
-
nS
RL = 50
Ω, V
R =10V
-
13
-
TYPICAL PERFORMANCE
SPECTRAL RESPONSE
0
0.1
0.2
0.3
0.4
0.5
0.6
250
450
650
850
1050
Wavelenght, nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com