Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

245SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 245SC
Description  245SC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

245SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  245SC Datasheet HTML 1Page - List of Unclassifed Manufacturers 245SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICHE TECNICHE
245SC
DESCRIZIONE
245SC
Valvola a sfera completa di portagomma e tapppo.
Base 1/2”F x 3/4”M
Bocchettone portagomma
φ 14.5 mm – φ 16.2 mm
Tappo 3/4” F
A norma EN 13828
DIMENSIONI
D"xB
1/2"x14.5
1/2"x16.2
d
10
10
H
43
43
I1
13
13
L
80
80
R
58
58
Acc.
1
1
g
210
200
Tutte le filettature sono eseguite a norme ISO 7/1 o ISO 228
MATERIALE
Corpo
CuZn40Pb2 Cw617N (DIN 50930 part.6)
Sfera
CuZn40Pb2 Cw617N (DIN 50930 part.6)
Diamantata e cromata.
Asta
CuZn39Pb3 Cw614N (DIN 50930 part.6)
Premistoppa
CuZn39Pb3 Cw614N (DIN 50930 part.6)
Regolabile
Sedi
PTFE
O-rings
2 x Viton®, NBR
Leva
leva a farfalla in alluminio
Tappo
CuZn40Pb2 Cw617N (DIN 50930 part.6)
Portagomma
CuZn39Pb3 Cw614N (DIN 50930 part.6)
VARIANTI - ATTACCHI
244SC
M X portagomma, maniglia farfalla rossa
245SC
F X portagomma, maniglia farfalla rossa
VARIANTI - LEVA
245SC
F X portagomma, maniglia farfalla rossa
APPROVAZIONI


Similar Part No. - 245SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
List of Unclassifed Man...
245-08-1-03 ETC1-245-08-1-03 Datasheet
259Kb / 1P
INDUSTRIAL CABLE AND CONNECTOR TECHNOLOGY
logo
ept GmbH
245-11310-15 EPT-245-11310-15 Datasheet
138Kb / 1P
Type D
logo
Oscilent Corporation
245-12.0M-18-15GS OSCILENT-245-12.0M-18-15GS Datasheet
163Kb / 4P
SMD Quartz Crystal
245-12.0M-18-15GW OSCILENT-245-12.0M-18-15GW Datasheet
163Kb / 4P
SMD Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com