Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX267AL Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX267AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX267AL Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX267AL Datasheet HTML 5Page - Sony Corporation ICX267AL Datasheet HTML 6Page - Sony Corporation ICX267AL Datasheet HTML 7Page - Sony Corporation ICX267AL Datasheet HTML 8Page - Sony Corporation ICX267AL Datasheet HTML 9Page - Sony Corporation ICX267AL Datasheet HTML 10Page - Sony Corporation ICX267AL Datasheet HTML 11Page - Sony Corporation ICX267AL Datasheet HTML 12Page - Sony Corporation ICX267AL Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
– 9 –
ICX267AL
Clock Switching Characteristics
Min.
twh
Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
3.2
10
10
4
3.4
12.5
12.5
8
3.9
10
10
12.5
12.5
24
0.5
5
5
0.01
0.01
2
7.5
7.5
0.5
15
2
0.5
5
5
0.01
0.01
450
7.5
7.5
0.5
Unit
µs
ns
ns
µs
ns
µs
Remarks
During
readout
∗1
∗2
When draining
charge
Item
Readout clock
Vertical transfer
clock
During
imaging
During
parallel-serial
conversion
Reset gate clock
Substrate clock
∗1 When vertical transfer clock driver CXD1267AN × 2 is used.
∗2 tf ≥ tr – 2ns, and the cross-point voltage (VCR) for the Hφ1 rising side of the Hφ1 and Hφ2 waveforms must
be at least V
φH/2 [V].
Spectral Sensitivity Characteristics (excludes lens characteristics and light source characteristics)
Symbol
VT
V
φ1, Vφ2A,
V
φ2B, Vφ3
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
Min.
two
Typ.
Max.
810
Unit
ns
Remarks
Item
Horizontal transfer clock
Symbol
H
φ1, Hφ2
1.0
0.8
0.6
0.4
0.2
0
400
500
600
700
Wave Length [nm]
800
900
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com