Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548262-80JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM548262-80JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-80JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM548262-80JS Datasheet HTML 3Page - OKI electronic componets MSM548262-80JS Datasheet HTML 4Page - OKI electronic componets MSM548262-80JS Datasheet HTML 5Page - OKI electronic componets MSM548262-80JS Datasheet HTML 6Page - OKI electronic componets MSM548262-80JS Datasheet HTML 7Page - OKI electronic componets MSM548262-80JS Datasheet HTML 8Page - OKI electronic componets MSM548262-80JS Datasheet HTML 9Page - OKI electronic componets MSM548262-80JS Datasheet HTML 10Page - OKI electronic componets MSM548262-80JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
¡ Semiconductor
MSM548262
7/37
AC Characteristics (2/3)
Parameter
Symbol
Note
Unit
ns
45
40
35
ns
0
0
0
ns
0
0
0
ns
10
0
10
0
10
0
ns
10
10
10
tRWD
tCWD
tDZC
tDZO
tCSR
tREF
tWSR
Max.
Min.
Max.
Min.
Max.
Min.
-80
-70
-60
ns
100
90
80
ms
8
8
8
0
0
0
tAWD
ns
65
55
50
ns
20
—
20
—
15
—
tOEA
ns
10
10
10
ns
10
10
10
tCHR
ns
0
0
0
tRPC
tOEZ
tOEH
ns
15
15
10
tROH
tRWH
12
10
10
tFSC
0
0
0
tCFH
12
10
10
tMS
0
0
0
tMH
12
10
10
tTHS
0
0
0
tTHH
12
10
10
tTLS
0
0
0
tTLH
12
10
10
tTRP
60
60
50
tTP
20
20
20
tRSD
80
70
60
tASD
45
45
40
tCSD
25
20
20
tTSL
5
5
5
13
13
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10k
10k
10k
ns
ns
ns
ns
ns
ns
tRTH
65
60
50
ns
10k
10k
10k
tATH
30
25
20
ns
tCTH
25
20
15
ns
tFSR
tRFH
ns
0
0
0
12
10
10
tFHR
55
55
50
ns
ns
13
Column Address to First SC Delay Time
Column Address to WE Delay Time
CAS Hold Time for CAS before RAS Cycle
CAS Set-up Time for CAS before RAS Cycle
CAS to WE Delay Time
Data to CAS Delay Time
Data to TRG Delay Time
DSF Set-up Time referenced to RAS
Write Per Bit Mask Data Hold Time
Write Per Bit Mask Data Set-up Time
TRG Command Hold Time
Refresh Period
DSF Hold Time referenced to RAS (1)
RAS Hold Time referenced to TRG
RAS Precharge to CAS Active Time
RAS to WE Delay Time
WE Hold Time
Access Time from TRG
RAS to First SC Delay Time (Read Transfer)
TRG to RAS Precharge Time
WE Set-up Time
Last SC to TRG Lead Time
Output Buffer Turn-off Delay from TRG
DSF Hold Time referenced to RAS (2)
DSF Hold Time referenced to CAS
TRG Low Hold Time referenced to Column Address
TRG Low Hold Time referenced to CAS
TRG Precharge Time
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
DSF Set-up Time referenced to CAS
TRG High Hold Time
TRG High Set-up Time
TRG Low Hold Time
TRG Low Set-up Time
TRG Low Hold Time referenced to RAS
CAS to First SC Delay Time (Read Transfer)
ns
—
15
—
15
—
15
tTSD
ns
40
10
40
10
30
10
tSDZ
ns
25
25
20
tSRS
10
Serial Output Buffer Turn-off Delay from RAS
TRG to First SC Delay Time (Read Transfer)
Last SC to RAS Set-up Time (Serial Input)
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com