| Electronic Components Datasheet Search |
|
TLC2274CPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2274CPWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 64 page ![]() TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272C electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2272C TLC2272AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient 25 °C 2 2 µV/°C αVIO Temperature coefficient of input offset voltage V = 0 V, 25 C to 70 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0 V, VDD ± = ± 2.5 V, VO = 0 V, RS = 50 Ω 25 °C 0.002 0.002 µV/mo IIO Input offset current RS = 50 Ω 25 °C 0.5 60 0.5 60 pA IIO Input offset current Full range 100 100 pA IIB Input bias current 25 °C 1 60 1 60 pA IIB Input bias current Full range 100 100 pA 25 °C 0 to 4 −0.3 0 to 4 −0.3 VICR Common-mode input RS = 50 Ω|VIO |≤ 5 mV 25 °C 0 to 4 −0.3 to 4.2 0 to 4 −0.3 to 4.2 V VICR Common-mode input voltage RS = 50 Ω, |VIO | ≤ 5 mV Full range 0 to 0 to V VICR voltage RS = 50 ,|VIO | 5 mV Full range 0 to 3.5 0 to 3.5 V Full range 3.5 3.5 IOH = − 20 µA 25 °C 4.99 4.99 High-level output IOH = − 200 µA 25 °C 4.85 4.93 4.85 4.93 VOH High-level output voltage IOH = − 200 µA Full range 4.85 4.85 V VOH voltage IOH = − 1 mA 25 °C 4.25 4.65 4.25 4.65 V IOH = − 1 mA Full range 4.25 4.25 VIC = 2.5 V, IOL = 50 µA 25 °C 0.01 0.01 VIC = 2.5 V, IOL = 500 µA 25 °C 0.09 0.15 0.09 0.15 VOL Low-level output voltage VIC = 2.5 V, IOL = 500 µA Full range 0.15 0.15 V VOL Low-level output voltage VIC = 2.5 V, IOL = 5 mA 25 °C 0.9 1.5 0.9 1.5 V VIC = 2.5 V, IOL = 5 mA Full range 1.5 1.5 Large-signal differential VIC = 2.5 V, RL = 10 kΩ‡ 25 °C 15 35 15 35 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO = 1 V to 4 V RL = 10 kΩ‡ Full range 15 15 V/mV AVD voltage amplification VO = 1 V to 4 V RL = 1 mΩ‡ 25 °C 175 175 V/mV rid Differential input resistance 25 °C 1012 1012 Ω ri Common-mode input resistance 25 °C 1012 1012 Ω ci Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 1 MHz, AV = 10 25 °C 140 140 Ω CMRR Common-mode VIC = 0 V to 2.7 V, 25 °C 70 75 70 75 dB CMRR Common-mode rejection ratio VIC = 0 V to 2.7 V, VO = 2.5 V, RS = 50 Ω Full range 70 70 dB kSVR Supply-voltage rejection ratio VDD = 4.4 V to 16 V,VIC = VDD /2, 25 °C 80 95 80 95 dB kSVR rejection ratio ( ∆VDD/∆VIO) VDD = 4.4 V to 16 V,VIC = VDD /2, No load Full range 80 80 dB IDD Supply current VO = 2.5 V, No load 25 °C 2.2 3 2.2 3 mA IDD Supply current VO = 2.5 V, No load Full range 3 3 mA † Full range is 0°C to 70°C. ‡ Referenced to 0 V NOTE 6: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |