| Electronic Components Datasheet Search |
|
TLC2274CPWRG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2274CPWRG4 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 64 page ![]() TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272C electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise specified) PARAMETER TEST CONDITIONS TA† TLC2272C TLC2272AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient of 25 °C 2 2 µV/°C αVIO Temperature coefficient of input offset voltage 25 C to 70 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0 V, RS = 50 Ω VO = 0 V, 25 °C 0.002 0.002 µV/mo IIO Input offset current 25 °C 0.5 60 0.5 60 pA IIO Input offset current Full range 100 100 pA IIB Input bias current 25 °C 1 60 1 60 pA IIB Input bias current Full range 100 100 pA −5 − 5.3 −5 − 5.3 25 °C −5 to − 5.3 to −5 to − 5.3 to VICR Common-mode input RS = 50 Ω |VIO |≤5 mV 25 C to 4 to 4.2 to 4 to 4.2 V VICR Common-mode input voltage RS = 50 Ω, |VIO | ≤5 mV −5 −5 V voltage Full range −5 to −5 to Full range to 3.5 to 3.5 IO = − 20 µA 25 °C 4.99 4.99 Maximum positive peak IO = − 200 µA 25 °C 4.85 4.93 4.85 4.93 VOM + Maximum positive peak output voltage IO = − 200 µA Full range 4.85 4.85 V VOM + output voltage IO = − 1 mA 25 °C 4.25 4.65 4.25 4.65 V IO = − 1 mA Full range 4.25 4.25 VIC = 0 V, IO = 50 µA 25 °C − 4.99 − 4.99 Maximum negative peak VIC = 0 V, IO = 500 µA 25 °C − 4.85 − 4.91 − 4.85 − 4.91 VOM − Maximum negative peak output voltage VIC = 0 V, IO = 500 µA Full range − 4.85 − 4.85 V VOM − output voltage VIC = 0 V, IO = 5 mA 25 °C − 3.5 − 4.1 − 3.5 − 4.1 V VIC = 0 V, IO = 5 mA Full range − 3.5 − 3.5 Large-signal differential RL = 10 kΩ 25 °C 25 50 25 50 AVD Large-signal differential voltage amplification VO = ± 4 V RL = 10 kΩ Full range 25 25 V/mV AVD voltage amplification VO = ± 4 V RL = 1 mΩ 25 °C 300 300 V/mV rid Differential input resistance 25 °C 1012 1012 Ω ri Common-mode input resistance 25 °C 1012 1012 Ω ci Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 1 MHz, AV = 10 25 °C 130 130 Ω CMRR Common-mode rejection VIC = − 5 V to 2.7 V, 25 °C 75 80 75 80 dB CMRR Common-mode rejection ratio VIC = − 5 V to 2.7 V, VO = 0 V, RS = 50 Ω Full range 75 75 dB kSVR Supply-voltage rejection VDD ± = 2.2 V to ±8 V, 25 °C 80 95 80 95 dB kSVR Supply-voltage rejection ratio ( ∆VDD± /∆VIO) VDD ± = 2.2 V to ±8 V, VIC = 0 V, No load Full range 80 80 dB IDD Supply current VO = 0 V No load 25 °C 2.4 3 2.4 3 mA IDD Supply current VO = 0 V No load Full range 3 3 mA † Full range is 0°C to 70°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |