Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2529 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NJM2529
Description  COLOR TFT SIGNAL PROCESSOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NJM2529 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NJM2529 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJM2529 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
NJM2529
-7 -
Ver.14
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25
°C,V
CC1=5V, VCC2=5V,VCC3=7V, VCC4=5V,VEE1=-5V,TP2=TP13=TP30=TP44=TP63=2.5V,
TP12=2.8V,TP29=5V,TP37=1V,TP38=3V,TP43=0V,TP60=5V,SW6=SW29=SW58=L)
PARAMETER
SYMBOL
TEST CONDITION (TP=IC Pin No.)
MIN.
TYP.
MAX.
UNIT
FRP Input
Threshold Voltage
VTHFRP
SG2 applied to SYNC IN, SG11
Applied to TP57, SW29=H, SG1
applied to TP34.This item define TP54
voltage at invert output of TP49 at
increase TP54 voltage.
1.2
1.5
1.8
V
Interface Frequency as
Characteristic
fINT
SG2 applied to SYNC IN, SG11
applied to TP57, SW29=H,
SG5 (100kHz) applied to TP34.Sine
wave of non-invert output signal of
TP49 is input signal frequency at –3dB
Toward swing of 100kHz at variable
frequency of SG5.
5.0
6.5
-
MHz
VTHEXH
Switching Voltage of TP29
VTHEXH=ON Level Voltage
2.0
-
-
EXTRGB Input
Threshold Voltage
VTHEXL
Switching Voltage of TP29
VTHEXL=OFF Level Voltage
-
-
0.8
V
G
γ1
19.0
23.0
27.0
Gamma Characteristic
G
γ2
SG2 applied to SYNC IN,SG11
applied to TP57,SW29=H,SG10
applied to TP54 SG7(350mVpp)
applied to TP32,TP34,TP36.
This item measure the slope on
TP47,TP49, and TP52 at
TP37=1.8V,TP38=3.0V.
7.5
11.5
15.5
dB
Synchronous Separate
Input Sensitivity
Current
IIS
Current flow from SYNC IN. Then
measure current at TP58 change from
High to Low.
-
21
30
µA
Synchronous Separate
Output ON Voltage
VON
SG2 applied to SYNC IN.Then
Measure output signal level voltage of
TP58.
-
0.2
0.5
V
Leak Current at
Synchronous Separate
Output OFF
ISL
Current 40uA flow from SYNC IN.Then
measure current of sink to TP58 at
TP58=5V.
-
-
1.0
µA
Synchronous Separate
Output Delay 1
tPHLSY
-
0.3
-
Synchronous Separate
Output Delay 2
tPLHSY
SG2 applied to SYNC IN.Then
Measure time difference of 50% swing
level of SYNCIN and TP58
-
0.4
-
µs
Input voltage
G
ϒ1
G
ϒ2
tPLHSY
SYNCIN
TP58
tPHLSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com