| Electronic Components Datasheet Search |
|
TLC2274IPWLE Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2274IPWLE Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 64 page ![]() TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2274C operating characteristics at specified free-air temperature, VDD± = ±5 V PARAMETER TEST CONDITIONS TA† TLC2274C TLC2274AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT Slew rate at unity VO = ± 2.3 V, RL = 10 kΩ, 25 °C 2.3 3.6 2.3 3.6 SR Slew rate at unity gain VO = ± 2.3 V, CL = 100 pF RL = 10 kΩ, Full 1.7 1.7 V/ µs SR gain CL = 100 pF Full range 1.7 1.7 V/ µs Vn Equivalent input f = 10 Hz 25 °C 50 50 nV/ √Hz Vn Equivalent input noise voltage f = 1 Hz 25 °C 9 9 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 25 °C 1 1 V VN(PP) equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.4 1.4 µV In Equivalent input noise current 25 °C 0.6 0.6 fA / √Hz Total harmonic VO = ± 2.3 V, AV = 1 0.0011% 0.0011% THD + N Total harmonic distortion plus noise VO = ± 2.3 V, f = 20 kHz, R = 10 k AV = 10 25 °C 0.004% 0.004% THD + N distortion plus noise f = 20 kHz, RL = 10 kΩ AV = 100 25 C 0.03% 0.03% Gain-bandwidth f = 10 kHz, RL= 10 kΩ, 25 °C 2.25 2.25 MHz Gain-bandwidth product f = 10 kHz, CL = 100 pF RL= 10 kΩ, 25 °C 2.25 2.25 MHz BOM Maximum output-swing VO(PP) = 4.6 V, AV = 1, 25 °C 0.54 0.54 MHz BOM output-swing bandwidth VO(PP) = 4.6 V, RL = 10 kΩ, AV = 1, CL = 100 pF 25 °C 0.54 0.54 MHz AV = − 1, To 0.1% 1.5 1.5 ts Settling time AV = − 1, Step = − 2.3 V to 2.3 V, To 0.1% 25 °C 1.5 1.5 s ts Settling time Step = − 2.3 V to 2.3 V, RL = 10 kΩ, To 0.01% 25 °C 3.2 3.2 µs s RL = 10 kΩ, CL = 100 pF To 0.01% 3.2 3.2 φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 52 ° 52 ° Gain margin RL = 10 kΩ, CL = 100 pF 25 °C 10 10 dB † Full range is 0°C to 70°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |