Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD2-ST Datasheet(PDF) 1 Page - CUI INC

Part # MD2-ST
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD2-ST Datasheet(HTML) 1 Page - CUI INC

  MD2-ST Datasheet HTML 1Page - CUI INC MD2-ST Datasheet HTML 2Page - CUI INC MD2-ST Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
cui.com
date 08/25/2017
page 1 of 3
SERIES: MD2-ST
│ DESCRIPTION: MINI DIN CONNECTOR
FEATURES
• fully shielded
• right angle
• slim style
RoHS
MD2 - XX ST
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
12
Vac
Vdc
rated input current
at 100 Vac
at 12 Vdc
1
2
A
A
contact resistance
30
mΩ
insulation resistance
at 250 Vdc
50
MΩ
voltage withstand
for 1 minute
250
Vac
insertion force
4.5
kg
withdrawal force
0.8
3.5
kg
operating temperature
-25
85
°C
life
1,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Pin Options
40 = 4 pins
60 = 6 pins
For more information, please visit the product page.


Similar Part No. - MD2-ST

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
MINI DIN CONNECTOR
More results

Similar Description - MD2-ST

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30SN CUI-MD-30SN Datasheet
138Kb / 3P
MINI DIN CONNECTOR
MD-30J CUI-MD-30J Datasheet
135Kb / 3P
MINI DIN CONNECTOR
MD-30SP CUI-MD-30SP Datasheet
100Kb / 3P
MINI DIN CONNECTOR
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
MINI DIN CONNECTOR
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
MINI DIN CONNECTOR
10/14/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com