Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA256-IP Datasheet(PDF) 9 Page - Microchip Technology

Part # 25AA256-IP
Description  256K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA256-IP Datasheet(HTML) 9 Page - Microchip Technology

Back Button 25AA256-IP Datasheet HTML 5Page - Microchip Technology 25AA256-IP Datasheet HTML 6Page - Microchip Technology 25AA256-IP Datasheet HTML 7Page - Microchip Technology 25AA256-IP Datasheet HTML 8Page - Microchip Technology 25AA256-IP Datasheet HTML 9Page - Microchip Technology 25AA256-IP Datasheet HTML 10Page - Microchip Technology 25AA256-IP Datasheet HTML 11Page - Microchip Technology 25AA256-IP Datasheet HTML 12Page - Microchip Technology 25AA256-IP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21822C-page 9
25AA256/25LC256
2.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25XX256 contains a write enable latch.
See
Table 2-4 for the Write-Protect Functionality Matrix.
This latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
SCK
0
2
34
56
7
1
SI
high-impedance
SO
CS
01
00
00
0
1
SCK
0
2345
67
1
SI
high-impedance
SO
CS
01
00
00
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26