Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS100CS Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BAS100CS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100CS Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BAS100CS Datasheet HTML 1Page - Pan Jit International Inc. BAS100CS Datasheet HTML 2Page - Pan Jit International Inc. BAS100CS Datasheet HTML 3Page - Pan Jit International Inc. BAS100CS Datasheet HTML 4Page - Pan Jit International Inc. BAS100CS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PBAS100CS
November 1,2017-REV.00
Page 4
Part No Packing Code Version
Packaging Information & Mounting Pad Layout
SOD-323 Dimension
Unit: inch(mm)
SOD-323 Pad Layout
Unit: inch(mm)
Part No Packing Code
Package Type
Packing Type
Marking
Version
BAS100CS_R1_00001
SOD-323
5K / 7" Reel
0CS
Halogen free
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com