Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX8773 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # DX8773
Description  High Video Quality Primary Distribution Transcoder/Encoder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DX8773 Datasheet(HTML) 1 Page - Integrated Device Technology

  DX8773 Datasheet HTML 1Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Video Quality Primary
Distribution Transcoder/Encoder
D7PRO
Product Brief
© 2017 Integrated Device Technology, Inc.
1
June 4, 2017
GeneralDescription
The D7PRO ASIC is an MPEG-2/H.264 primary
distribution transcoder/encoder solution for
professionalbroadcastapplications.TheD7PRO
deliversultra-highvideoqualityencodingatlow
bit rates, and provides a complete solution for
video, audio, and data processing with rich
features such as frame accurate data gathering
to support statistical multiplexing solutions,
multi-formataudioencoding,andancillarydata
processing capabilities. With over a decade of
leadership in video quality and technology
innovation, IDT’s D7PRO primary distribution
solutions sets a new level of video quality to
meetcurrentandfuturedistributionovercable,
satellite,terrestrial,andIPTV.
Applications
•
Ultra-high-qualityvideodistribution
•
Cable,satellite,IPTV,andterrestrial
broadcasttranscoder/encoder
•
Statisticalmultiplexingsolution
Device
Diagram
Features
•
Primarydistributiontranscoder,
encoderanddecoderdelivering
unsurpassedvideoquality
•
MPEG-2/H.264,SD/HD,
4:2:0/4:2:2,8/10-bit
•
Dolby®,MPEG-1LII,AACAudio
•
Comprehensiveancillarydatasupport
•
DVB-compliantmux
•
Channelbranding
•
Frameaccuratestatmuxinterface
•
Backedbytwodecadesofaward-
winningvideocompression
OrderingInformation
Part
Usage
TDP
Pin-Package
DX7753
Transcoder
11.8W
FCBGA896pin
31x31mm
DX8773
Encoder
10W
FCBGA896pin
31x31mm
DX9773
Decoder
11W
FCBGA896pin
31x31mm
Forprice,deliveryschedules,andtoplaceorders,
pleasecontactIDT:www.IDT.com/go/sales
Figure1:Devicediagram


Similar Part No. - DX8773

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DX87 AEC-DX87 Datasheet
266Kb / 3P
industry standard style
logo
Willow Technologies Ltd
DX87 WILLOW-DX87 Datasheet
255Kb / 3P
pcb power relay
DX87L-2011-25-S005 WILLOW-DX87L-2011-25-S005 Datasheet
255Kb / 3P
pcb power relay
DX87L-2011-25-S006 WILLOW-DX87L-2011-25-S006 Datasheet
255Kb / 3P
pcb power relay
DX87L-2011-25-S009 WILLOW-DX87L-2011-25-S009 Datasheet
255Kb / 3P
pcb power relay
More results

Similar Description - DX8773

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
Analog Devices
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV.B
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
Video Encoder
logo
Zoran Corporation
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
logo
Maxim Integrated Produc...
MAX64180 MAXIM-MAX64180 Datasheet
882Kb / 114P
High-Quality Video and Audio Encoding
Revision 1.1: 06/04/12
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
logo
List of Unclassifed Man...
VNM-EDGE2 ETC2-VNM-EDGE2 Datasheet
976Kb / 6P
Video Quality Monitors
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
logo
THOR communications
4SDI-DVBT-IP THOR-4SDI-DVBT-IP Datasheet
504Kb / 1P
Full Digital HD, the smartest solution for any quality HD Video Distribution
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com