Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C201 Datasheet(PDF) 2 Page - Luna Innovations Incorporated

Part # PDB-C201
Description  Blue Enhanced Bi-Cell Silicon Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C201 Datasheet(HTML) 2 Page - Luna Innovations Incorporated

  PDB-C201 Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C201 Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Blue Enhanced Bi-Cell Silicon Photodiode
PDB-C201
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C UNLESS NOTED OTHERWISE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Short Circuit Current
H= 100 fc, 2850 K
50
75
-
V
Dark Current
VR = 5 V
-
0.5
2.0
nA
Shunt Resistance
VR = 10 mV
250
500
-
M
Ω
Junction Capacitance
VR =10V; f = 1 MHz
-
15
-
pF
Spectral Application Range
Spot Scan
350
-
1100
nm
Breakdown Voltage
I=10 µA
50
75
-
V
Noise Equivalent Power
VR =0V@λ= Peak
-
1x10
-14
-
W/
√
Hz
Response Time**
RL = 1KΩ,V
R = 0 V
-
190
-
nS
RL = 1KΩ,V
R = 10 V
-
13
-
**Response time of 10% to 90% is specified at 660nm wavelength light.
TYPICAL PERFORMANCE
SPECTRAL RESPONSE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com