Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0974 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 16Page - STMicroelectronics STV0974 Datasheet HTML 17Page - STMicroelectronics STV0974 Datasheet HTML 18Page - STMicroelectronics STV0974 Datasheet HTML 19Page - STMicroelectronics STV0974 Datasheet HTML 20Page - STMicroelectronics STV0974 Datasheet HTML 21Page - STMicroelectronics STV0974 Datasheet HTML 22Page - STMicroelectronics STV0974 Datasheet HTML 23Page - STMicroelectronics STV0974 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
20/61
STV0974
Functional description
4.5
Microprocessor interface
4.5.1
Features
8-bit microprocessor interface, asynchronous read/write, one address bit
Indirect access to image sensor and coprocessor control registers
Direct access to image data (JPEG compressed or uncompressed)
On-chip 2048 byte image FIFO
Interrupt request output
8/16/32-byte burst DMA support
2 Kbyte video FIFO for JPEG data and 10 Kbyte FIFO for non-JPEG data
4.5.2
Description
The STV0974 can be connected to any general purpose 8-bit microprocessor via the
microprocessor interface. This interface substitutes functionally to the YUV and I²C interfaces, i.e.
both data and control flows are handled through the interface which provides:
access to the image data FIFO for fast transfers of scaled-down viewfinder images or full-
resolution captured and compressed image data. For host systems with DMA support, a DMA
request line is provided, as well as programmable FIFO threshold for burst operation. For other
systems, an interrupt request output line is provided.The 2048-byte FIFO allows for greater
host system latencies; to suit system requirements, the FIFO threshold is programmable.
access to the camera subsystem configuration and control registers, through an address/data
register pair and a status register for data polling. Access requests are posted to the internal
controller core that handles the request (as in I²C mode) and finally acknowledges through the
microprocessor interface status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com