Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0974TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 36Page - STMicroelectronics STV0974TR Datasheet HTML 37Page - STMicroelectronics STV0974TR Datasheet HTML 38Page - STMicroelectronics STV0974TR Datasheet HTML 39Page - STMicroelectronics STV0974TR Datasheet HTML 40Page - STMicroelectronics STV0974TR Datasheet HTML 41Page - STMicroelectronics STV0974TR Datasheet HTML 42Page - STMicroelectronics STV0974TR Datasheet HTML 43Page - STMicroelectronics STV0974TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
40/61
STV0974
Functional description
There are restrictions related to the states at which registers can be accessed.
Table 25 lists the
state coding used in the register description.
Register contents represent different data types as described in
Table 26.
Registers listed as reserved or read-only should NOT be written to, as this may cause
unpredictable results.
The data format for each register uses the following coding:
● D = Data (1 or 0 as required)
● 0 = Data bit must be set to 0
● 1 = Data bit must be set to 1
● X = Don’t care (either 0 or 1 can be written with no system consequences)
● R = Reserved
Table 25: Register state coding
State code
Description
I
Registers can be accessed safely while the system is in idle state
V
Registers can be accessed safely while the system is in ViewFinder state
C
Registers can be accessed safely while the system is in capture mode state
L
Registers can be accessed safely while the system is in live mode state
S
Registers can be accessed safely while the system is in sleep mode state
A
Registers can be accessed in all stable states
Table 26: Type of data
State Code
Description
I
Integer parameter. May be anywhere between 1 bit and 8 bit wide
M
Multiple field registers
B
Bit field register
C
Coded register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com