Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0974ETR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STV0974ETR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 47Page - STMicroelectronics STV0974ETR Datasheet HTML 48Page - STMicroelectronics STV0974ETR Datasheet HTML 49Page - STMicroelectronics STV0974ETR Datasheet HTML 50Page - STMicroelectronics STV0974ETR Datasheet HTML 51Page - STMicroelectronics STV0974ETR Datasheet HTML 52Page - STMicroelectronics STV0974ETR Datasheet HTML 53Page - STMicroelectronics STV0974ETR Datasheet HTML 54Page - STMicroelectronics STV0974ETR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
Functional description
STV0974
51/61
4.9.3.3 Status error codes
A read from the Status Register (0xA009) yields status error codes as described in the table below.
The Status Register contents are reset to 0x00 by a write to the Mode Control register.
Figure 29: MMS crop zoom example
Table 35: Status error codes
Error code value
Description
Troubleshooting
0x00
No error
0x21
Sensor communication problem
Sensor not responding. Need to go back to
Idle.
0x22
Sensor temporarily not accessible. Retry.
0x23
Incompatible sensor
Re-grab new image
0x41
JPEG File too big
One of the requested JPEG frames is
larger than the target. User to restart
capture command
0x51
Time out
VGA (640 x 480) source image
scaled for use in this document
Set of images below are
for final display
1.
2.
3.
4.
5.
6.
2. Scale by 1.5 from 240x180 crop
3. Scale by 2 from 320x240 crop
4. Scale by 2.5 from 400x300 crop
5. Scale by 3 from 480x360 crop
6. Scale by 4 from 640x480 crop
crop/scales to 160x120 pixels
1. Scale by 1 from 160x120 crop
Zoom factor = 4
Zoom factor = 2.67
Zoom factor = 2
Zoom factor = 1
Zoom factor = 1.333
Zoom factor = 1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com