Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7710 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7710
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7710 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
Page 2
G52139-0, Rev 2.2
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 1: Electro-Optic Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD
Supply Voltage
4.5
5.5
V
λ
Wavelength
1270
1355
nm
fc
Low Frequency Cutoff
1.4
MHz
-3dB
P = -22dBm, fr = 50MHz
Tr Tf
Rise/Fall Time
300
ps
20% to 80%
P = -3 dBm
S
Sensitivity
-28
dBm
BER 10-12 B = 1063Mb/s
Dr
Dynamic Range
25
dB
Ro
Single Ended Output Impedance
25
90
¾
Vd
Differential Output Voltage
0.25
1.2
V
P = -3 dBm, R = 100
Ω
PSRR
Power Supply Rejection Ratio
35
dB
f = 0.3MHz - 40MHz
Hybrid Differential
Is
Supply Current
62
mA
P = -28 to -3 dBm
BW
Optical Modulation Bandwidth
700
1300
MHz
-3dB
P = -22dBm, fr = 50MHz
Rd
Differential Responsivity
2.5
mV/µW
ΡΛ = 100Ω
P = -22dBm fr = 50MHz
Vn
Output Noise Voltage
1.2
mVRMS
BW = 1500MHz, P = 0mW
NEPO
Input Noise Equivalent Optical Power
0.22
µW RMS
BW = 1500MHz, P = 0mW
PDJ
Pattern Dependent Jitter
60
ps
P = -3dBm
±10% Voltage Window
DCD
Duty Cycle Distortion
5
%
P = -3dBm
ýV
Bias Offset Voltage
200
mV
P = -3dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com