Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH266 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH266
Description  HIGH VOLTAGE HALL EFFECT LATCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH266 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH266_13 Datasheet HTML 1Page - Diodes Incorporated AH266_13 Datasheet HTML 2Page - Diodes Incorporated AH266_13 Datasheet HTML 3Page - Diodes Incorporated AH266_13 Datasheet HTML 4Page - Diodes Incorporated AH266_13 Datasheet HTML 5Page - Diodes Incorporated AH266_13 Datasheet HTML 6Page - Diodes Incorporated AH266_13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AH266
Document number: DS30876 Rev. 5 - 2
2 of 7
www.diodes.com
December 2013
© Diodes Incorporated
AH266
Pin Descriptions
Functional Block Diagram
1
REG.
Hal
l
Plate
Amp
VCC
DO
DOB
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
28
V
Vout (off)
Output “OFF ” Voltage
28
V
IO (con)
Output “ON” Current
400 (Note 5)
mA
IO (hold)
500
mA
IO (peak)
700
mA
B
Magnetic Flux Density
Unlimited
Gauss
TST
Storage Temperature Range
-65 to +150
°C
PD
Power Dissipation (Note 6)
550
mW
θJA
Thermal Resistance Junction-to-Ambient (SIP-4)
227
°C/W
θJC
Thermal Resistance Junction-to-Case (SIP-4)
49
°C/W
Pin Name
P/I/O
Pin #
Description
VCC
P
1
Power Supply Input
DO
O
2
Output Pin
DOB
O
3
Output Pin
GND
P
4
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com