Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6512 Datasheet(PDF) 20 Page - Micro Analog systems

Part # MAS6512
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512 Datasheet(HTML) 20 Page - Micro Analog systems

Back Button MAS6512_16 Datasheet HTML 16Page - Micro Analog systems MAS6512_16 Datasheet HTML 17Page - Micro Analog systems MAS6512_16 Datasheet HTML 18Page - Micro Analog systems MAS6512_16 Datasheet HTML 19Page - Micro Analog systems MAS6512_16 Datasheet HTML 20Page - Micro Analog systems MAS6512_16 Datasheet HTML 21Page - Micro Analog systems MAS6512_16 Datasheet HTML 22Page - Micro Analog systems MAS6512_16 Datasheet HTML 23Page - Micro Analog systems MAS6512_16 Datasheet HTML 24Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
DA6512.003
2 December, 2016
20 (32)
2-WIRE SERIAL DATA INTERFACE (I2C BUS)
Conversion Result – Read Sequence
Table 13 presents a general control sequence for a
single register data read.
Table 13. MAS6512 I2C bus single register (address Ax) read sequence bits
S
AW
A
Ax
A
Sr
AR
A
Dx
N
P
Table 14 shows the control sequence for reading
the
16-bit
A/D
conversion
result
from
the
Conversion result registers. The LSB (DL) register
data read can follow right after the MSB register
data (DM) read since if the read sequence is
continued (not ended by a Stop bit P) the register
address is automatically incremented to point to the
next register.
Table 14. MAS6512 I2C bus MSB (first byte) and LSB (second byte) A/D conversion result read sequence
S
AW
A
AM
A
Sr
AR
A
DM
A
DL
N
P
4-WIRE SERIAL DATA INTERFACE (SPI BUS)
SPI bus communication is selected by setting XSPI
pin low.
SPI communication differs from I2C bus in the
following way. It requires four wires for bi-directional
communication since each line operates in one
direction only. Device selection is done by using
separate chip select XCS control lines instead of
using device address. Each SPI bus device has its
own XCS control line and a device is selected by
pulling its XCS line low (see figure 5 below). The
fourth wire in the SPI bus is the serial clock line,
SCLK. Data is transferred at rising edges of the
serial clock during which the data line should be
stable.
The selection between write or read access is done
by register address MSB bit A7 (see table 1
“Register and EEPROM data addresses”). In write
access bit A7 cleared (0) and in read access it is set
(1).
Figure 5 illustrates write access communication.
MAS6512 has an auto increment function which
means that if there are more than one data byte
transferred the additional data bytes are delivered to
following
register
addresses.
In
write
communication the MISO line is high impedance.
In SPI bus communication it is good to note that
setting XCS low activates the EEPROM memory
regardless of the XSPI setting and the device
consumes 20
A …30A current. To minimize
current consumption XCS should be set low only
during time periods when the device is used during
SPI communication.
XCS
SCK
SDA
MISO
MSB
LSB
Register Address Byte
MSB
LSB
Data Byte
High Z
Figure 5. SPI Protocol – Write Access (register address MSB bit A7=0)
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com