Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6510 Datasheet(PDF) 23 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 23 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 19Page - Micro Analog systems MAS6510 Datasheet HTML 20Page - Micro Analog systems MAS6510 Datasheet HTML 21Page - Micro Analog systems MAS6510 Datasheet HTML 22Page - Micro Analog systems MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DA6510.009
6 September, 2018
23 (32)
CAPACITANCE MEASUREMENT MODES (continued)
INT
DIFF
REF
MIN
LIN
EXT
C
K
C
C
=
%
80
_
_
,
INT
DIFF
REF
MAX
LIN
EXT
C
K
C
C
=
%
80
_
_
Equations 8a, 8b.
TOT
EXT
DIFF
REF
MIN
LIN
EXT
MAX
LIN
EXT
TOT
LIN
EXT
C
K
C
C
C
C
_
_
_
_
_
_
_
8
.
0
6
.
1
=
=
=
Equation 8c.
Example:
GRDAC = 109DEC, OCDACS = 0DEC and OCDACR = 93DEC trim settings correspond to following external input
capacitance difference measurement range values.
Capacitance values of offset capacitance matrices:
CS_INT = 22pF*0/255 = 0pF, CR_INT = 22pF*93/255
 8.03pF, CINT = 0pF - 8.03pF = -8.03pF 
Gain coefficient: KDIFF = 0.229+0.02*109 = 2.409
Overall input range:
CEXT_MIN = -6pF/2.409-(-8.03pF)  5.54pF
CEXT_MAX = 6pF/2.409-(-8.03pF)  10.52pF
CEXT_TOT = 2*6pF/2.409  4.98pF
Linear input range:
CEXT_LIN_MIN = -0.8*6pF/2.409-(-8.03pF)  6.04pF
CEXT_LIN_MAX = 0.8*6pF/2.409-(-8.03pF)  10.02pF
CEXT_LIN_TOT = 0.8*4.98pF  3.98pF
Note that above calculated values are capacitance difference values between external sensor (CS) and external
reference (CR) side capacitances (
CEXT = CS_EXT – CR_EXT). If there is no external reference capacitor (CR_EXT=0)
then these values represent sensor side (CS) capacitance CS_EXT (
CEXT = CS_EXT – 0= CS_EXT) minimum and
maximum measurement range values. If a fixed external reference capacitor CR_EXT exists then sensor side (CS)
capacitance measurement range is CR_EXT added to above
CEXT values (CS_EXT = CEXT + CR_EXT). If CR_EXT is
also varying then above values tell range of CS_EXT and CR_EXT capacitance difference (
CEXT = CS_EXT – CR_EXT)
that can be measured.
Capacitance ratio mode
In the capacitance ratio mode the CDC output result (CODE) is proportional to capacitance ratio (CS-CR)/CS.
RATIO
INT
S
EXT
S
INT
R
EXT
R
RATIO
S
R
K
C
C
C
C
CODEFS
K
C
C
CODEFS
CODE
+
+
=
=
_
_
_
_
1
1
Equation 9.
where
CODEFS = M
aximum output code range which depends on OSR selection. See page 7 “Full scale output code
range” specification in the ELECTRICAL CHARACTERISTICS table.
KRATIO = 193.8/GRDAC (see table 6 for Gain register setting)
Equation 10.
CS = CS_EXT + CS_INT
External sensor + internal sensor matrix capacitance between CS and CC pins
CR = CR_EXT + CR_INT
External reference + internal reference matrix capacitance between CR and CC pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com