Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C46 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46C46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C46 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46C46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C46 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
HT46R46/HT46C46/HT46R47/HT46C47
Rev. 1.00
19
December 28, 2004
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
ACS2, ACS1, ACS0: Select A/D channel
0, 0, 0: AN0
0, 0, 1: AN1
0, 1, 0: AN2
0, 1, 1: AN3
1, X, X: undefined, cannot be used
3
4
5
PCR0
PCR1
PCR2
PCR2, PCR1, PCR0: PB3~PB0 configurations
0, 0, 0: PB3 PB2 PB1 PB0 (The ADC circuit is power off to reduce power consumption.)
0, 0, 1: PB3 PB2 PB1 AN0
0, 1, 0: PB3 PB2 AN1 AN0
0, 1, 1: PB3 AN2 AN1 AN0
1, x, x: AN3 AN2 AN1 AN0
6
EOCB
End of A/D conversion flag.
(0: end of A/D conversion)
7
START
Start the A/D conversion
0
®1®0= Start
0
®1= Reset A/D converter and set EOCB to ²1²
ADCR (22H) Register
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Select the A/D converter clock source.
0, 0: fSYS/2
0, 1: fSYS/8
1, 0: fSYS/32
1, 1: Undefined, cannot be used.
2~6
¾
Unused bit, read as
²0².
7
TEST
For internal test only.
ACSR (23H) Register
t A D C 1
t A D C 2
A / D c o n v e r s i o n t i m e
t A D C 1
t A D C 2
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
0 0 0 B
S T A R T
E O C B
P C R 2 ~ P C R 0
A C S 2 ~ A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
t A D C 1 = 6 4 t A D f o r H T 4 6 R 4 6 / H T 4 6 C 4 6
t A D C 2 = 7 6 t A D f o r H T 4 6 R 4 7 / H T 4 6 C 4 7
t A D C S 1 = 3 2 t A D f o r H T 4 6 R 4 6 / H T 4 6 C 4 6
t A D C S 2 = 3 2 t A D f o r H T 4 6 R 4 7 / H T 4 6 C 4 7
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D C S 1
t A D C S 2
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d
d o n ' t c a r e
A / D a m p l i n g t i m e
t A D C S 1
t A D C S 2
E n d o f A / D
c o n v e r s i o n
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com