Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6505 Datasheet(PDF) 33 Page - Micro Analog systems

Part # MAS6505
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505 Datasheet(HTML) 33 Page - Micro Analog systems

Back Button MAS6505 Datasheet HTML 29Page - Micro Analog systems MAS6505 Datasheet HTML 30Page - Micro Analog systems MAS6505 Datasheet HTML 31Page - Micro Analog systems MAS6505 Datasheet HTML 32Page - Micro Analog systems MAS6505 Datasheet HTML 33Page - Micro Analog systems MAS6505 Datasheet HTML 34Page - Micro Analog systems MAS6505 Datasheet HTML 35Page - Micro Analog systems MAS6505 Datasheet HTML 36Page - Micro Analog systems MAS6505 Datasheet HTML 37Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DA6505.005
11 June 2018
33 (44)
4-WIRE OR 3-WIRESERIAL DATA INTERFACE (SPI BUS)
Figure 9 illustrates 4-wire (WIRE=0) SPI bus read
access communication. The SDO line is at high
impedance state (HZ) until it outputs the MSB data
bit (DO7) at falling edge of the eight SCK clock pulse.
The auto increment function can be utilized also in
read access. If there are more than one data byte
read the additional data bytes are delivered from
following incremented register addresses.
Returning CSB high ends the SPI communication
and sets the SDO pin to high impedance state (HZ).
Figure 9. SPI 4-Wire (WIRE=0) Protocol
– Read Access (register address MSB bit A7=1)
Figure 10 illustrates 3-wire (WIRE=1) SPI bus read
access communication. The SDI input line turns into
output after falling edge of the eight SCK clock pulse.
The first read data bit is the MSB bit and the last LSB
bit is send to SDI line at the falling edge of the 15th
SCK clock pulse. Master reads the data bits at the
rising edges of the SCK clock pulses.
The auto increment function can be utilized also in
read access and if there are more than one data byte
read the additional data bytes are delivered from
following register addresses.
In 3-wire SPI bus write access communication the
MAS6505 keeps the SDO line in high impedance
state (HZ) during the whole communication.
Figure 10. SPI 3-Wire (WIRE=1) Protocol
– Read Access (register address MSB bit A7=1)
CSB
SCK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
A7=1(R)
A6
A5
A4
A3
A2
A1
A0
SDO
HZ
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
HZ
CSB
SCK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
A7(RW)
A6
A5
A4
A3
A2
A1
A0
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com