Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6503 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6503
Description  Piezoresistive Sensor Signal Interface IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6503 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6503 Datasheet HTML 1Page - Micro Analog systems MAS6503 Datasheet HTML 2Page - Micro Analog systems MAS6503 Datasheet HTML 3Page - Micro Analog systems MAS6503 Datasheet HTML 4Page - Micro Analog systems MAS6503 Datasheet HTML 5Page - Micro Analog systems MAS6503 Datasheet HTML 6Page - Micro Analog systems MAS6503 Datasheet HTML 7Page - Micro Analog systems MAS6503 Datasheet HTML 8Page - Micro Analog systems MAS6503 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DA6503.005
14 December 2016
3 (34)
FUNCTIONAL DESCRIPTION
The calibrated measurement value calculations
need to be done outside in the host system by
utilizing the stored calibration coefficient data.
To avoid modification of the EEPROM by mistake
there is an EEPROM write enable bit (EWE) in the
EEPROM Control Register (E6/66HEX) which needs
to be set high (1) before any changes can be done
to the EEPROM.
The XCLR pin can be used to hard reset the device
including the serial communication. However device
reset is possible also via serial bus using the reset
register. Despite of on chip power on reset (POR)
circuit it is recommended to reset the device
manually after every power up to guarantee proper
register settings after any VDD rise conditions.
The EOC pin indicates if a conversion has finished
and the result is ready to be read from the memory
via the serial interface. Using the EOC signal is not
necessary since it is alternatively possible to wait at
least maximum conversion time period before
reading out the result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com