Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6505BA1WAD05 Datasheet(PDF) 39 Page - Micro Analog systems

Part # MAS6505BA1WAD05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAD05 Datasheet(HTML) 39 Page - Micro Analog systems

Back Button MAS6505BA1WAD05 Datasheet HTML 35Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 40Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 41Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 42Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 43Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
DA6505.005
11 June 2018
39 (44)
APPLICATION INFORMATION (continued)
Figure 15. Typical EEPROM read only application circuit in I2C bus communication
Together with a resistive pressure sensor, MAS6505
can be used in pressure measurement applications.
An
external
micro-controller
can
control
the
MAS6505 via an I2C or a SPI serial interface. Note
that the I2C serial interface requires suitable pull-up
resistors connected to the SDI and SCK pins (see
Figure 15). If there is only a single master device
connected to the serial bus the master’s SCK output
can be of push-pull type making the SCK pull-up
resistor unnecessary.
The sensor is connected between regulated Sensor
bridge supply voltage (VDDS) and Sensor bridge
supply ground (GNDS) of MAS6505. The sensor
output is read as a differential signal through PI
(positive input) and NI (negative input) to the ΔΣ
converter in MAS6505.
In the pressure measurement mode, the switches
marked “P” are closed and the sensor output is fed
through
to
the
ADC.
In
the
temperature
measurement mode, the switches ma
rked “T” are
closed and the voltage at the ADC input is
determined by the internal resistor array and the
temperature-dependent resistance of the sensor. In
this configuration the sensor bridge is connected as
part of a Wheatstone resistor bridge circuit where the
other four resistors (R1, R2, R3, R4) are inside the
IC.
A decoupling capacitor of at least 10
F should be
used at the supply voltage VDD for low noise
performance (see Figure 15).
In EEPROM read
only application (EEPROM
calibration memory readily programmed) the supply
voltage
operating range
is
VDD
=1.71V…5.5V.
However if both EEPROM write and read are needed
in application level the 5V supply voltage is
necessary
(VDD=4.5V…5.5V) as shown in Figure 4.
GND
SENSOR
VDD C
VDD
10µF
NOTE: In I2C bus communication the CSB pin is unused and left unconnected (floating). It has an internal pull up to VDDIO.
MCU
I/O
I/O
GND
GND
VDD
VDDIO
RP
4.7k
RP
4.7k
VDDIO
R2
R4
R1
R3
ADC
PI
NI
GNDS
VDDS
P
T
P
T
P
T
T
GND
VDD
CONTROL
VREFN
VREFP
OSC
EEPROM
SCK
MAS6505
SDO
CSB
VDDIO
TEST
MUX
SDO
VDDS
AFE
SDI
I2C/
SPI
GND
TD
REG
CVDDIO
100nF
OPTIONAL TEMPERATURE
SENSING DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com