Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6505BA1WAB05 Datasheet(PDF) 17 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 17 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 13Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 14Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 15Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 16Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 17Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 18Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 19Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 20Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 21Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DA6505.005
11 June 2018
17 (44)
EEPROM CONTROL REGISTER (ED/6DHEX)
EEPROM control register (ED/6DHEX) has EON bits
for activating the EEPROM and EWE bits for
enabling the EEPROM for a write. See table 2. By
default the EEPROM is inactive (EON=000) and
write protected (EWE=00, EEPROM write disabled).
To read or write EEPROM it needs to be first
activated by setting EON=010 or 101. Any other
EON bit combination keeps the EEPROM inactive.
Note that to minimize current consumption the
EEPROM should be activated only during EEPROM
read or write operations and kept inactive in other
time. This is because an internal regulator is turned
on when the EEPROM is active. To read only the
EEPROM content the EEPROM control register
should be set to value 02HEX or 05HEX prior read. After
activating the EEPROM and before starting to read
or write the EEPROM there need to be a startup time
wait of least 0.2 ms. See also chapter EEPROM
READ ONLY PROCEDURE.
To write EEPROM it is necessary to additionally
enable the EEPROM for a write by setting EWE=01.
Alternatively EEPROM block write can be enabled by
setting EWE=10. However the block write is intended
only for testing purposes. Warning: The EEPROM
block write should not be used since the given
data
byte
overwrites
all
EEPROM
content
including the factory trimming values of the
EEPROM oscillator (BA/3AHEX) and internal clock
oscillator
(BF/3FHEX).
Any
other
EWE
bit
combination keeps the EEPROM write disabled.
This
write
protection
feature
is
for
avoiding
accidental overwrite of the EEPROM calibration
data. To both read and write EEPROM content the
EEPROM control register should be set to value
0AHEX.
See
also
chapter
EEPROM
WRITE
PROCEDURE.
The
EEPROM
control
register
contains
also
EE_TEST bits which select different EEPROM test
modes. By default the EEPROM test mode is
disabled (EE_TEST=000).
The EE_TEST
bits
should be always kept at the default setting since
the other settings are only for EEPROM testing
purpose.
Table 2. EEPROM control register (ED/6DHEX)
Bit Number
Bit Name
Description
Value
Function
7-5
EE_TEST
EEPROM test modes
000
001
010
011
100
101
110
111
EEPROM test mode disabled (default)
Charge pump verification, ETEST = VNEG
Charge pump verification, ETEST = VPOS
Oscillator verification, SDO = TCLK4M (Note 1)
Parallel endurance test
Read data retention test, NMART = 1 (Note 2)
Read data retention test, PMART = 1 (Note 3)
No test mode
4-3
EWE
Enable EEPROM write
00
01
10
11
EEPROM write disabled (default)
EEPROM normal write enabled
EEPROM block write enabled
EEPROM write disabled
2-0
EON
Activate EEPROM for
read or write
000
010
101
other
EEPROM inactive (default)
EEPROM activated
EEPROM activated
EEPROM inactive
Note 1. To get the EEPROM oscillator output TCLK4M from SDO pin, set the MSB bit ENTP = 1 in the Oscillator frequency
trim register (FF/7FHEX) and clear (00HEX) the Trim and test register (FA/7AHEX).
Note 2. VNEG margin voltage can be forced from ETEST pin
Note 3. VPOS margin voltage can be forced from ETEST pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com