Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6116 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6116_17 Datasheet HTML 10Page - Micro Analog systems MAS6116_17 Datasheet HTML 11Page - Micro Analog systems MAS6116_17 Datasheet HTML 12Page - Micro Analog systems MAS6116_17 Datasheet HTML 13Page - Micro Analog systems MAS6116_17 Datasheet HTML 14Page - Micro Analog systems MAS6116_17 Datasheet HTML 15Page - Micro Analog systems MAS6116_17 Datasheet HTML 16Page - Micro Analog systems MAS6116_17 Datasheet HTML 17Page - Micro Analog systems MAS6116_17 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 (20)
DA6116.010
5 October, 2017
SERIAL INTERFACE TIMING
1
2
3
4
5
6
7
8
7
6
5
4
3
2
1
0
0
7
6
5
4
3
2
1
7
6
5
4
3
2
1
0
TWHC TWLC
TRC
TFC
TSSLCH
THCSH
TSDCH
THCHD
TDCLD
TDSZ
THLCHS
TSSHCH
CCLK
DATA
(IN)
DATA
(OUT)
9
10
11
12
13
14
15
16
XCS
ADDRESS BYTE
DATA BYTE
APPLICATION INFORMATION
Following general recommendations apply for MAS6116 applications.
1) All four ground pins LGND, RGND, AGND and DGND have to have low ohmic connection to the same
physical ground net. Any potential difference between these ground nets may potentially trigger destructive
latch-up phenomena.
2) Keep audio input signals off until the MAS6116 has proper supply voltages.
3) In power up provide +5V supply voltage for the MAS6116 before supplying power to the external operational
amplifiers. In power down turn off powers in reverse order i.e. turn off last +5V supply voltage. This power up
/ down procedure guarantees that MAS6116 provides always proper feedback loop for the operational
amplifier circuit signals.
4) The LMO and RMO virtual ground pin voltages should be kept within ±100mV from ground potential. To
guarantee this it is possible to add external Shottky diodes in both directions from LMO and RMO to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com