| Electronic Components Datasheet Search |
|
HT46C47 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C47 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc |
|
17 / 42 page ![]() HT46R46/HT46C46/HT46R47/HT46C47 Rev. 1.00 17 December 28, 2004 For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H and 19H. After a chip reset, these input/output lines remain at high levels or floating state (dependent on pull-high options). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H or 18H) instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. The highest 4-bit of port B and 7 bits of port D are not physically implemented; on reading them a ²0² is returned whereas writing then results in a no-operation. See Application note. Each I/O line has a pull-high option. Once the pull-high option is selected, the I/O line has a pull-high resistor, otherwise, there ¢s none. Take note that a non-pull-high I/O line operating in input mode will cause a floating state. The PA3 is pin-shared with the PFD signal. If the PFD option is selected, the output signal in output mode of PA3 will be the PFD signal generated by the timer/event counter overflow signal. The input mode always remain- ing its original functions. Once the PFD option is se- lected, the PFD output signal is controlled by PA3 data register only. Writing ²1² to PA3 data register will enable the PFD output function and writing ²0² will force the PA3 to remain at ²0². The I/O functions of PA3 are shown below. I/O Mode I/P (Normal) O/P (Normal) I/P (PFD) O/P (PFD) PA3 Logical Input Logical Output Logical Input PFD (Timer on) Note: The PFD frequency is the timer/event counter overflow frequency divided by 2. The PA5 and PA4 are pin-shared with INT and TMR pins respectively. The PB can also be used as A/D converter inputs. The A/D function will be described later. There is a PWM function shared with PD0. If the PWM function is en- abled, the PWM signal will appear on PD0 (if PD0 is op- erating in output mode). Writing ²1² to PD0 data register will enable the PWM output function and writing ²0² will force the PD0 to remain at ²0². The I/O functions of PD0 are as shown. I/O Mode I/P (Normal) O/P (Normal) I/P (PWM) O/P (PWM) PD0 Logical Input Logical Output Logical Input PWM It is recommended that unused or not bonded out I/O lines should be set as output pins by software instruction to avoid consuming power under input floating state. PWM The microcontroller provides 1 channel (6+2) bits PWM output shared with PD0. The PWM channel has its data register denoted as PWM (1AH). The frequency source of the PWM counter comes from fSYS. The PWM register is an eight bits register. The waveforms of PWM output are as shown. Once the PD0 is selected as the PWM output and the output function of PD0 is enabled (PDC.0= ²0²), writing 1 to PD0 data register will enable the PWM output function and writing ²0² will force the PD0 to stay at ²0². A PWM cycle is divided into four modulation cycles (modulation cycle 0~modulation cycle 3). Each modula- tion cycle has 64 PWM input clock period. In a (6+2) bit PWM function, the contents of the PWM register is di- vided into two groups. Group 1 of the PWM register is denoted by DC which is the value of PWM.7~PWM.2. The group 2 is denoted by AC which is the value of PWM.1~PWM.0. In a PWM cycle, the duty cycle of each modulation cycle is shown in the table. Parameter AC (0~3) Duty Cycle Modulation cycle i (i=0~3) i<AC DC+1 64 i ³AC DC 64 The modulation frequency, cycle frequency and cycle duty of the PWM output signal are summarized in the following table. PWM Modulation Frequency PWM Cycle Frequency PWM Cycle Duty fSYS/64 fSYS/256 [PWM]/256 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |